Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OJE Datasheet(PDF) 1 Page - Tyco Electronics

Part # OJE
Description  Miniature PCB Relay OJ / OJE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OJE Datasheet(HTML) 1 Page - Tyco Electronics

  OJE Datasheet HTML 1Page - Tyco Electronics OJE Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Miniature PCB Relay OJ / OJE
n 1 pole 8 A, 1NO contact
n Sensitive coil, 200 mW
n 3 kV or 4 kV dielectric strength between coil and contacts
n Miniature size
n RoHS compliant (Directive 2002 / 95 / EC)
as per product date code 0424
n WG Version in accordance to IEC60335-1
Approvals
V REG.-Nr. 6835, Z E82292
Technical data of approved types on request
Contact data
LMH
LMH2
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 VAC
Rated current
8 A
Limiting continuous current
8 A
Maximum breaking capacity AC
2000 VA
Contact material
AgCdO
AgSnO2
Rated frequency of operation with / without load
10 / 600 min-1
Operate- / release time
max. 7 / 4 ms
Bounce time NO / NC contact
max. 5 / 3 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
OJ(E)-SS(SH)-1..LM
NO
3 A, 250 VAC, cos
ϕ=1
55°C
100x103
OJ(E)-SS(SH)-1..LMH
NO
6.3 A, 250 VAC, cos
ϕ=1
85°C
20x103
OJ-SS-1..LMH2
NO
8 A, 250 VAC, cos
ϕ=1
70°C
30x103
OJ-SS-1..LMH2
NO
5 A, 250 VAC, cos
ϕ=1
85°C
100x103
OJ-SS-1..LMH2
NO
6.3A, 250 VAC, cos
ϕ=1
85°C
50x103
UL 508
OJ(E)-SS(SH)-1..LM
NO
3 A, 250 VAC, resistive
23°C
100x103
OJ(E)-SS(SH)-1..LM
NO
3 A, 30 VDC, resistive
23°C
100x103
OJ-SS-1..LMH2
NO
8 A, 250 VAC, resistive
85°C
10x103
Coil data
Rated coil voltage range DC coil
3 ... 48 VDC
Operative range to IEC 61810
2
Coil insulation system according UL1446, WG-version
class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
03
3
2.25
0.15
45
+10%
200
05
5
3.75
0.25
125
+10%
200
06
6
4.5
0.3
180
+10%
200
09
9
6.75
0.45
400
+10%
203
12
12
9
0.6
720
+10%
200
24
24
18
1.2
2800
+10%
206
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0277-C


Similar Part No. - OJE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
logo
TE Connectivity Ltd
OJE TEC-OJE Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105DM,000 TEC-OJE-SH-105DM,000 Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105LMH,000 TEC-OJE-SH-105LMH,000 Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105LMH-WG TEC-OJE-SH-105LMH-WG Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
More results

Similar Description - OJE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
OJE TEC-OJE Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
logo
Tyco Electronics
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com