Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY4602 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY4602
Description  TetraHub??High Speed USB Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4602 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY4602 Datasheet HTML 1Page - Cypress Semiconductor CY4602 Datasheet HTML 2Page - Cypress Semiconductor CY4602 Datasheet HTML 3Page - Cypress Semiconductor CY4602 Datasheet HTML 4Page - Cypress Semiconductor CY4602 Datasheet HTML 5Page - Cypress Semiconductor CY4602 Datasheet HTML 6Page - Cypress Semiconductor CY4602 Datasheet HTML 7Page - Cypress Semiconductor CY4602 Datasheet HTML 8Page - Cypress Semiconductor CY4602 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CY7C65640A
Document Number: 38-08019 Rev. *N
Page 5 of 25
Overcurrent Detection
Overcurrent detection includes timed detection of 8 ms by
default. This parameter is configured from the external EEPROM
in a range of 0 ms to 15 ms for both an enabled port and a
disabled port individually. Detection of over on downstream ports
is managed by control pins connected to an external power
switch device.
The OVR[n]# pins of the CY7C65640A series are connected to
the respective external power switch’s port overcurrent
indication (output) signals. Upon detecting an overcurrent
condition, the hub device reports the overcurrent condition to the
host and disables the PWR# output to the external power device.
Port Indicators
The USB 2.0 port indicators are also supported directly by
TetraHub. According to the specification, each downstream port
of the hub supports an optional status indicator. The presence of
indicators for downstream facing ports is specified by bit 7 of the
wHubCharacteristics field of the hub class descriptor. The
default TeraHub descriptor specifies that port indicators are
supported (wHubCharacteristics, bit 7 is set). If port indicators
are not included in the hub, EEPROM should disable this.
Each port indicator is strategically located directly on the
opposite edge of the port which it is associated with. The
indicator provides two colors: green and amber. This is
implemented as two separate LEDs, one amber and the other
green. A combination of hardware and software control is used
to inform the user of the current status of the port or the device
attached to the port and to guide the user through problem
resolution. Colors and blinking are used to provide information to
the user. The significance of the color of the LED depends on the
operational mode of the TetraHub. There are two modes of
operation for the TetraHub port indicators: automatic and
manual.
On power up, the TeraHub defaults to automatic mode, where
the color of the port indicator (green, amber, off) indicates the
functional status of the TetraHub port. In automatic mode,
TetraHub turns on the green LED whenever the port is enabled
and the amber LED when it detects an overcurrent condition. The
color of the port indicator is set by the port state machine.
Blinking of the LEDs is not supported in automatic mode. Table 1
identifies the mapping of color to port state in automatic mode.
In manual mode, the indicators are under the control of the host,
which can turn on one of the LEDs, or leave them off. This is done
by a system software USB Hub class request. Blinking of the
LEDs is supported in manual mode. The port indicators enable
the user to intervene on any error detection. For example, when
babble is detected on plugging in a defective device, or on
occurrence of an overcurrent condition, the port indicators
corresponding to the downstream port blink green or only light
the amber LED, respectively. Table 2 displays the color definition
of the indicators when TetraHub is in manual mode.
Note. Information presented in Table 1 and Table 2 is from USB 2.0 specification tables 11-6 and 11-7, respectively.
Table 1. Automatic Port State to Port Indicator Color Mapping
Port
Switching
Downstream Facing Hub Port State
Powered Off
Disconnected, Disabled, Not
Configured, Resetting, Testing
Enabled, Transmit,
or TransmitR
Suspended, Resuming,
SendEOR, Restart_E/S
With
Off or amber if due to an
overcurrent condition
Off
Green
Off
Without
Off
Off or amber if due to an
overcurrent condition
Green
Off
Table 2. Port Indicator Color Definitions in Manual Mode
Color Definition
Port State
Off
Not operational
Amber
Error condition
Green
Fully operational
Blinking Off/Green
Software attention
Blinking Off/Amber
Hardware attention
Blinking Green/Amber
Reserved
[+] Feedback


Similar Part No. - CY4602

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4602 CYPRESS-CY4602 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY4602 CYPRESS-CY4602 Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
CY4602 CYPRESS-CY4602 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY4602

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com