Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65640A-LTXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C65640A-LTXCT
Description  TetraHub??High Speed USB Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65640A-LTXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C65640A-LTXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CY7C65640A
Document Number: 38-08019 Rev. *N
Page 3 of 25
Introduction
Cypress’s TetraHub
 is a high performance self powered
Universal Serial Bus (USB) 2.0 hub. The Tetra architecture
provides four downstream USB ports, with a Transaction
Translator (TT) for each port, making it the highest performing
hub possible. This single-chip device incorporates one upstream
and four downstream USB transceivers, a serial Interface
Engine (SIE), USB hub controller and repeater, and four TTs. It
is suitable for standalone hubs, motherboard hubs, and monitor
hub applications.
Being a fixed-function USB device, there is no risk or added
engineering effort required for firmware development. The
developer does not need to write any firmware for their design.
The CY4602 Tetrahub USB 2.0 4-port Hub Reference Design Kit
provides all materials and documents needed to move rapidly
into production. The reference design kit includes board
schematics, bill of materials, Gerber files, Orcad files, key
application notes, and product description.
CY7C65640A-LFXC is a functional and pin equivalent die
revision of Cypress’s CY7C65640-LFXC. Changes were made
to improve device performance.
TetraHub Architecture
The Logic Block Diagram on page 1 shows the TetraHub
Architecture.
USB Serial Interface Engine (SIE)
The SIE enables the CY7C65640A to communicate with the
USB host through the USB repeater component of the hub. The
SIE handles the following USB bus activity independently of the
Hub Control Block:
Bit stuffing/unstuffing
Checksum generation/checking
ACK/NAK/STALL
TOKEN type identification
Address checking.
Hub Controller
The hub control block does the following protocol handling at a
higher level:
Coordinate enumeration by responding to SETUP packets
Fill and empty the FIFOs
Suspend/Resume coordination
Verify and select DATA toggle values
Port power control and overcurrent detection.
The Hub controller provides status and control and permits host
access to the hub.
Hub Repeater
The hub repeater manages the connectivity between upstream
and downstream facing ports that are operating at the same
speed. It supports full/low speed connectivity and high speed
connectivity. According to USB 2.0 specification, the hub
repeater provides the following functions:
Sets up and tears down connectivity on packet boundaries
Ensures orderly entry into and out of the suspend state,
including proper handling of remote wakeups.
Transaction Translator
The TT translates data from one speed to another. A TT takes
high speed split transactions and translates them to full/low
speed transactions when the hub is operating at high speed (the
upstream port is connected to a high speed host controller) and
has full/low speed devices attached. The operating speed of a
device attached on a downstream facing port determines
whether the routing logic connects a port to the transaction
translator or hub repeater section. If a low or full speed device is
connected to the hub operating at high speed, the data transfer
route includes the transaction translator. If a high speed device
is connected to this high speed hub the route only includes the
repeater and no transaction translator; the device and the hub
are in conformation with respect to their data transfer speed.
When the hub is operating at full speed (the upstream port is
connected to a full speed host controller), a high speed
peripheral does not operate at its full capability. These devices
only work at 1.1 speed. Full and low speed devices connected to
this hub operate at their 1.1 speed.
Applications
Standalone Hubs
Motherboard Hubs
Monitor Hub applications
External Personal Storage Drives
Port Replicators
Portable Drive
Docking Stations
[+] Feedback


Similar Part No. - CY7C65640A-LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640A-LTXCT CYPRESS-CY7C65640A-LTXCT Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY7C65640A-LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com