Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6989U Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N6989U
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6989U Datasheet(HTML) 4 Page - Microsemi Corporation

  2N6989U Datasheet HTML 1Page - Microsemi Corporation 2N6989U Datasheet HTML 2Page - Microsemi Corporation 2N6989U Datasheet HTML 3Page - Microsemi Corporation 2N6989U Datasheet HTML 4Page - Microsemi Corporation 2N6989U Datasheet HTML 5Page - Microsemi Corporation 2N6989U Datasheet HTML 6Page - Microsemi Corporation 2N6989U Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0177 Rev. 1 (101229)
Page 4 of 7
Dimensions
Dimensions
Symbol
Inches
Millimeters
Notes
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
Min
Max
Min
Max
BH
.200
5.08
LS
.100 BSC
2.54 BSC
7, 11
LW
.014
.023
0.36
0.58
10
LL
.125
.200
3.18
5.08
LW1
.030
.070
0.76
1.78
4, 10
LL1
.150
3.81
LT
.008
.015
0.20
0.38
10
LO
.005
0.13
8
BL
.785
19.94
6
LO1
.098
2.49
8
BW
.220
.310
5.59
7.87
6
LO2
.015
.060
0.38
1.52
5
BW1
.290
.320
7.37
8.13
9
α
15°
15°
NOTES:
1
Dimension are in inches.
2
Millimeters are given for general information only.
3
Index area: A notch or pin one identification mark shall be located adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used as a pin one identification mark.
4
The minimum limit for dimension LW1 may be .023 inch (0.58 mm) for leads number 1, 7, 8 and 14 only.
5
Dimension LO2 shall be measured from the seating plane to the base plane.
6
This dimension allows for off-center lid, meniscus, and glass overrun.
7
The basic pin spacing is .100 inch (2.54 mm) between centerlines. Each pin centerline shall be located within ±.010 inch (0.25
mm) of its exact longitudinal position relative to pins 1 and 14.
8
Applies to all four corners (leads number 1, 7, 8 and 14).
9
Lead center when α is 0 degrees. BW1 shall be measured at the centerline of the leads.
10 All leads.
11 Twelve spaces.
12 No organic or polymeric materials shall be molded to the bottom of the package to cover the leads.
13 In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 1. Physical Dimension and Configuration for type 2N6989


Similar Part No. - 2N6989U

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
2N6989U OPTEK-2N6989U Datasheet
200Kb / 2P
   Surface Mount Quad NPN Transistor
logo
Microsemi Corporation
2N6989U MICROSEMI-2N6989U Datasheet
61Kb / 2P
   MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
logo
TT Electronics.
2N6989U TTELEC-2N6989U Datasheet
240Kb / 3P
   Surface Mount Quad NPN Transistor
logo
Microsemi Corporation
2N6989UJAN MICROSEMI-2N6989UJAN Datasheet
56Kb / 2P
   MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
2N6989UJANS MICROSEMI-2N6989UJANS Datasheet
56Kb / 2P
   MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
More results

Similar Description - 2N6989U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6989 MICROSEMI-2N6989 Datasheet
61Kb / 2P
   MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
logo
Seme LAB
MHQ2222 SEME-LAB-MHQ2222 Datasheet
41Kb / 2P
   Quad Dual-In-Line NPN Silicon Transistors
logo
Microsemi Corporation
2N6989JAN MICROSEMI-2N6989JAN Datasheet
56Kb / 2P
   MULTIPLE NPN SILICON DUAL IN-LINE AND FLATPACK SWITCHING TRANSISTOR
logo
Motorola, Inc
MPQ6100 MOTOROLA-MPQ6100 Datasheet
82Kb / 2P
   QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
MPQ6001 MOTOROLA-MPQ6001 Datasheet
504Kb / 6P
   QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
logo
Seme LAB
2N7334 SEME-LAB-2N7334 Datasheet
26Kb / 2P
   14 LEAD DUAL IN LINE QUAD
2N7336 SEME-LAB-2N7336 Datasheet
49Kb / 3P
   14 LEAD DUAL IN LINE QUAD
logo
Microsemi Corporation
2N6987 MICROSEMI-2N6987 Datasheet
62Kb / 2P
   MULTIPLE (QUAD) PNP SILICON SWITCHING TRANSISTOR
logo
Motorola, Inc
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
logo
New Jersey Semi-Conduct...
MD7002 NJSEMI-MD7002 Datasheet
97Kb / 2P
   NPN SILICON ANNULAR MULTIPLE TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com