Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3998 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3998
Description  NPN POWER SWITCHING SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3998 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3998 Datasheet HTML 1Page - Microsemi Corporation 2N3998 Datasheet HTML 2Page - Microsemi Corporation 2N3998 Datasheet HTML 3Page - Microsemi Corporation 2N3998 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
NPN POWER SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/374
T4-LDS-0165 Rev. 1 (100688)
Page 1 of 4
DEVICES
LEVELS
2N3996
2N3997
2N3998
2N3999
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
8.0
Vdc
Base Current
IB
0.5
Adc
Collector Current
IC
10 (1)
Adc
Total Power Dissipation
@ TA = +25°C
(2)
@ TC = +100°C
(3)
PT
2.0
30
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
Thermal Resistance, Junction-to-Case
RθJC
3.33
°C/W
Note:
(1) This value applies for Tp
≤ 1.0ms, duty cycle ≤ 50%
(2) Derate linearly 11.4 mW/°C for TA > +25°C
(3) Derate linearly 300 mW/°C for TC > +100°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 50mAdc
V(BR)CEO
80
Vdc
Collector-Emitter Breakdown Voltage
IC = 10µAdc
V(BR)CBO
100
Vdc
Collector-Emitter Cutoff Current
VCE = 60Vdc
ICEO
10
µAdc
Collector-Emitter Cutoff Current
VCE = 80Vdc, VBE = 0V
ICES
200
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0Vdc
VEB = 8.0Vdc
IEBO
200
10
ηAdc
µAdc
TO-111
2N3996, 2N3997
TO-59
2N3998, 2N3999


Similar Part No. - 2N3998

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3998 SEMICOA-2N3998 Datasheet
33Kb / 1P
   Chip Type 2C5154 Geometry 9201 Polarity NPN
logo
Microsemi Corporation
2N3998 MICROSEMI-2N3998 Datasheet
65Kb / 2P
   NPN POWER SWITCHING SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3998 SEMICOA-2N3998 Datasheet
170Kb / 2P
   Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
2N3998 NJSEMI-2N3998 Datasheet
175Kb / 2P
   N-P-N EPITAXIAL PLANAR SILICON POWER TRANSISTOR
2N3998 NJSEMI-2N3998 Datasheet
87Kb / 1P
   SWITCHING TRANSISTORS
More results

Similar Description - 2N3998

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
   NPN POWER SWITCHING SILICON TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
   SILICON NPN POWER SWITCHING TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Microsemi Corporation
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
   NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5339 MICROSEMI-JANS2N5339 Datasheet
184Kb / 4P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com