Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMKT2907AG Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMKT2907AG
Description  SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKT2907AG Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMKT2907AG Datasheet HTML 1Page - Central Semiconductor Corp CMKT2907AG Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMKT2907A
CMKT2907AG
SURFACE MOUNT
DUAL PNP SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMKT2907A and
CMKT2907AG each consist of two individual isolated
2907A PNP silicon transistors, manufactured by the
epitaxial planar process and epoxy molded in an
SOT-363 surface mount package. This ULTRAmini™
device has been designed for small signal general
purpose and switching applications.
• The CMKT2907AG is Halogen Free by design.
MARKING CODES:
CMKT2907A: K07
CMKT2907AG: K7G
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
10
nA
ICBO
VCB=50V, TA=125°C
10
µA
ICEV
VCE=30V, VBE=0.5V
50
nA
BVCBO
IC=10µA
60
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
1.6
V
VBE(SAT)
IC=150mA, IB=15mA
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
2.6
V
hFE
VCE=10V, IC=0.1mA
75
hFE
VCE=10V, IC=1.0mA
100
hFE
VCE=10V, IC=10mA
100
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=10V, IC=500mA
50
SOT-363 CASE
R4 (13-January 2010)
www.centr a lsemi.com


Similar Part No. - CMKT2907AG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT2907AG CENTRAL-CMKT2907AG Datasheet
499Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results

Similar Description - CMKT2907AG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A Datasheet
95Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_15 Datasheet
499Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_10 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CYT4033D CENTRAL-CYT4033D Datasheet
545Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED PNP SILICON TRANSISTORS
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
   SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
CFMS4 CENTRAL-CFMS4 Datasheet
79Kb / 2P
   SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com