Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4261 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N4261
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4261 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N4261_1 Datasheet HTML 1Page - Microsemi Corporation 2N4261_1 Datasheet HTML 2Page - Microsemi Corporation 2N4261_1 Datasheet HTML 3Page - Microsemi Corporation 2N4261_1 Datasheet HTML 4Page - Microsemi Corporation 2N4261_1 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0150 Rev. 2 (101161)
Page 4 of 5
Dimensions
Dimensions
Ltr.
Inches
Millimeters Note
Ltr.
Inches
Millimeters
Note
Min
Max
Min
Max
Min
Max
Min
Max
BH
.046
.056
1.17
1.42
LS1
.035
.040
0.89
1.02
BL
.115
.128
2.92
3.25
LS2
.071
.079
1.80
2.01
BW
.085
.108
2.16
2.74
LW
.016
.024
0.41
0.61
CL
.128
3.25
r
.008
0.20
CW
.108
2.74
r1
.012
0.31
LL1 .022
.038
0.56
0.96
r2
.022
0.56
LL2 .017
.035
0.43
0.89
NOTES:
1 Dimensions are in inches.
2 Millimeters are given for general information only.
3 Pad 1 = Base, Pad 2 = Emitter, Pad 3 = Collector, Pad 4 = Shielding connected to the lid.
4 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 2. Physical dimensions for 2N4261UB, surface mount.


Similar Part No. - 2N4261_1

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4261UB SEMICOA-2N4261UB Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
2N4261UB SEMICOA-2N4261UB Datasheet
111Kb / 2P
   Silicon PNP Transistor
logo
Microsemi Corporation
2N4261UB MICROSEMI-2N4261UB Datasheet
157Kb / 4P
   PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N4261UB SEMICOA-2N4261UB_05 Datasheet
111Kb / 2P
   Silicon PNP Transistor
2N4261 SEMICOA-2N4261_05 Datasheet
111Kb / 2P
   Silicon PNP Transistor
More results

Similar Description - 2N4261_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076_1 Datasheet
30Kb / 3P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N2907AUA MICROSEMI-2N2907AUA Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N3485A MICROSEMI-2N3485A Datasheet
55Kb / 2P
   PNP SILICON SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076 Datasheet
18Kb / 2P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N2944A MICROSEMI-2N2944A Datasheet
56Kb / 2P
   PNP SILICON SMALL SIGNAL TRANSISTOR
2N4261 MICROSEMI-2N4261 Datasheet
157Kb / 4P
   PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Zetex Semiconductors
ZTX500 ZETEX-ZTX500 Datasheet
42Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX541 DIODES-ZTX541 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Micro Electronics
BC556 MICRO-ELECTRONICS-BC556 Datasheet
286Kb / 4P
   PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX500 DIODES-ZTX500 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com