Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5153 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N5153
Description  PNP POWER SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5153 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N5153 Datasheet HTML 1Page - Microsemi Corporation 2N5153 Datasheet HTML 2Page - Microsemi Corporation 2N5153 Datasheet HTML 3Page - Microsemi Corporation 2N5153 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/545
T4-LDS-0132 Rev. 1 (091476)
Page 4 of 4
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Beyond r (radius) maximum, TW shall be held for a minimum length of .011 inch (0.28 mm).
4
TL measured from maximum HD.
5
Outline in this zone is not controlled.
6
CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
7
Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within.007 inch (0.18 mm)
radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC.
8
LU applied between L1 and L2. LD applies between L2 and LL minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
9
All three leads.
10 The collector shall be electrically and mechanically connected to the case.
11 r (radius) applies to both inside corners of tab.
12 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
13 For transistor types 2N5151 and 2N5153, LL is .5 inch (13 mm) minimum, and .75 inch (19 mm) maximum.
14 For transistor types 2N5151L and 2N5153L, LL is 1.5 inch (38 mm) minimum and 1.75 inch (44.4 mm) maximum.
15 Lead designation, depending on device type, shall be as follows: lead numbering; lead 1 = emitter, lead 2 = base, and lead 3 =
collector.
FIGURE 2 (U3)
PACKAGE DIMMENSIONS
Dimensions
Symbol
Inches
Millimeters
Min
Max
Min
Max
BL
.395
.405
10.04
10.28
BW
.291
.301
7.40
7.64
CH
.1085
.1205
2.76
3.06
LH
.010
.020
0.25
0.51
LL1
.220
.230
5.59
5.84
LL2
.115
.125
2.93
3.17
LS1
.150 BSC
3.81 BSC
LS2
.075 BSC
1.91 BSC
LW1
.281
.291
7.14
7.39
LW2
.090
.100
2.29
2.54
Q1
.030
0.762
Q2
.030
0.762
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Terminal 1 - collector, terminal 2 - base, terminal 3 - emitter


Similar Part No. - 2N5153

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5153 SEME-LAB-2N5153 Datasheet
20Kb / 3P
   HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
Semicoa Semiconductor
2N5153 SEMICOA-2N5153 Datasheet
33Kb / 1P
   Chip Type 2C5153 Geometry 9221 Polarity NPN
2N5153 SEMICOA-2N5153 Datasheet
60Kb / 2P
   Type 2N5153 Geometry 9702 Polarity PNP
logo
Central Semiconductor C...
2N5153 CENTRAL-2N5153 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Microsemi Corporation
2N5153 MICROSEMI-2N5153 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
More results

Similar Description - 2N5153

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com