Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75742W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75742W
Description  1/2 Duty VFD Driver with Key Input Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75742W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75742W Datasheet HTML 1Page - Sanyo Semicon Device LC75742W Datasheet HTML 2Page - Sanyo Semicon Device LC75742W Datasheet HTML 3Page - Sanyo Semicon Device LC75742W Datasheet HTML 4Page - Sanyo Semicon Device LC75742W Datasheet HTML 5Page - Sanyo Semicon Device LC75742W Datasheet HTML 6Page - Sanyo Semicon Device LC75742W Datasheet HTML 7Page - Sanyo Semicon Device LC75742W Datasheet HTML 8Page - Sanyo Semicon Device LC75742W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Ordering number : EN6142
43099TH (OT) No. 6142-1/18
Overview
The LC75742E and LC75742W are 1/2 duty VFD drivers
that can be used for electronic tuning frequency display
and other applications under the control of a micro-
controller. These products can directly drive VFDs with
up to 82 segments. It also includes a key scan circuit and
can support input from up to 30 keys and can thus reduce
the number of lines to the front panel in application
systems.
Features
• Key input from up to 30 keys
(Key scans are only performed when keys are pressed.)
• 82 segment outputs.
• Noise reduction circuits are built into the output drivers.
• Serial data I/O supports CCB format communication
with the system controller.
• Dimmer and sleep mode can be controlled by serial data
input.
• High generality since display data is displayed without
the intervention of a decoder.
• All segments can be turned off with the BLK pin.
Package Dimensions
unit: mm
3151-QFP64E
unit: mm
3190-SQFP64
14.0
17.2
1.0
1.0
1.6
0.15
0.35
0.1
15.6
0.8
0.8
1
16
17
32
33
48
49
64
2.7
SANYO: QFP64E (QIP64E)
[LC75742E]
LC75742E, 75742W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/2 Duty VFD Driver with Key Input Function
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
1.25
0.5
1.25
0.18
12.0
116
17
32
33
48
49
64
10.0
0.5
0.5
0.15
SANYO: SQFP64
[LC75742W]


Similar Part No. - LC75742W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7574 SANYO-LC7574 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741 SANYO-LC75741 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741W SANYO-LC75741W Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

Similar Description - LC75742W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com