Electronic Components Datasheet Search |
|
CY7C1318CV18-200BZXC Datasheet(PDF) 11 Page - Cypress Semiconductor |
|
CY7C1318CV18-200BZXC Datasheet(HTML) 11 Page - Cypress Semiconductor |
11 / 29 page CY7C1318CV18, CY7C1320CV18 Document Number: 001-07160 Rev. *J Page 11 of 29 Write Cycle Descriptions The write cycle description table for CY7C1320CV18 follows.[9, 10] BWS0 BWS1 BWS2 BWS3 K K Comments LLLL L–H – During the data portion of a write sequence, all four bytes (D[35:0]) are written into the device. LLLL – L–H During the data portion of a write sequence, all four bytes (D[35:0]) are written into the device. L H H H L–H – During the data portion of a write sequence, only the lower byte (D[8:0]) is written into the device. D[35:9] remains unaltered. L H H H – L–H During the data portion of a write sequence, only the lower byte (D[8:0]) is written into the device. D[35:9] remains unaltered. H L H H L–H – During the data portion of a write sequence, only the byte (D[17:9]) is written into the device. D[8:0] and D[35:18] remains unaltered. H L H H – L–H During the data portion of a write sequence, only the byte (D[17:9]) is written into the device. D[8:0] and D[35:18] remains unaltered. H H L H L–H – During the data portion of a write sequence, only the byte (D[26:18]) is written into the device. D[17:0] and D[35:27] remains unaltered. H H L H – L–H During the data portion of a write sequence, only the byte (D[26:18]) is written into the device. D[17:0] and D[35:27] remains unaltered. H H H L L–H – During the data portion of a write sequence, only the byte (D[35:27]) is written into the device. D[26:0] remains unaltered. H H H L – L–H During the data portion of a write sequence, only the byte (D[35:27]) is written into the device. D[26:0] remains unaltered. HHHH L–H – No data is written into the device during this portion of a write operation. HHHH – L–H No data is written into the device during this portion of a write operation. Notes 9. X = “Don’t Care,” H = Logic HIGH, L = Logic LOW, represents rising edge. 10. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. [+] Feedback |
Similar Part No. - CY7C1318CV18-200BZXC |
|
Similar Description - CY7C1318CV18-200BZXC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |