Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75742E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75742E
Description  1/2 Duty VFD Driver with Key Input Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75742E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75742E Datasheet HTML 1Page - Sanyo Semicon Device LC75742E Datasheet HTML 2Page - Sanyo Semicon Device LC75742E Datasheet HTML 3Page - Sanyo Semicon Device LC75742E Datasheet HTML 4Page - Sanyo Semicon Device LC75742E Datasheet HTML 5Page - Sanyo Semicon Device LC75742E Datasheet HTML 6Page - Sanyo Semicon Device LC75742E Datasheet HTML 7Page - Sanyo Semicon Device LC75742E Datasheet HTML 8Page - Sanyo Semicon Device LC75742E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = –40 to +85°C, VDD = 4.5 to 5.5 V, VSS = 0 V
Note: Since DO is an open-drain output, these values will vary with the pull-up resistance RPU and the load capacitance CL.
No. 6142-2/18
LC75742E, LC75742W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
4.5
5.0
5.5
V
VFL
VFL
8
12
18
V
VIH1
DI, CL, CE, BLK
0.8 VDD
5.5
V
High-level input voltage
VIH2
OSCI
0.8 VDD
VDD
V
VIH3
KI1 to KI5
0.6 VDD
VDD
V
Low-level input voltage
VIL
DI, CL, CE, BLK, OSCI, KI1 to KI5
0
0.2 VDD
V
Guaranteed oscillator frequency range
fOSC
OSCI, OSCO
0.4
1.6
3.0
MHz
Recommended external resistor value
ROSC
OSCI, OSCO
4.7
20
100
k
Recommended external capacitor value
COSC
OSCI, OSCO
22
47
100
pF
Clock low-level pulse width
tøL
CL : See figure 1.
160
ns
Clock high-level pulse width
tøH
CL : See figure 1.
160
ns
Data setup time
tds
DI, CL : See figure 1.
160
ns
Data hold time
tdh
DI, CL : See figure 1.
160
ns
CE wait time
tcp
CE, CL : See figure 1.
160
ns
CE setup time
tcs
CE, CL : See figure 1.
160
ns
CE hold time
tch
CE, CL : See figure 1.
160
ns
DO output delay time
tdc
DO: RPU = 4.7 kΩ, CL = 10 pF*: See figure 1.
1.5
µs
DO rise time
tdr
DO: RPU = 4.7 kΩ, CL = 10 pF*: See figure 1.
1.5
µs
BLK switching time
tc
BLK, CE : See figure 4.
10
µs
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Supply voltage
VDD max
VDD
–0.3 to +6.5
V
VFL max
VFL
–0.3 to +21.0
V
Input voltage
VIN1
DI, CL, CE, BLK
–0.3 to +6.5
V
VIN2
OSCI, KI1 to KI5
–0.3 to VDD +0.3
V
VOUT1
S1 to S41, G1, G2
–0.3 to VFL +0.3
V
Output voltage
VOUT2
OSCO, KS1 to KS6
–0.3 to VDD +0.3
V
VOUT3
DO
–0.3 to +6.5
V
IOUT1
S1 to S41
6
mA
Output current
IOUT2
G1, G2
60
mA
IOUT3
KS1 to KS6
1
mA
Allowable power dissipation
Pd max
Ta = 85°C (LC75742E)
400
mW
Ta = 85°C (LC75742W)
300
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +150
°C


Similar Part No. - LC75742E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7574 SANYO-LC7574 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741 SANYO-LC75741 Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75741W SANYO-LC75741W Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results

Similar Description - LC75742E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com