Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJD47 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CJD47
Description  SURFACE MOUNT NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CJD47 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CJD47 Datasheet HTML 1Page - Central Semiconductor Corp CJD47 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CJD47
CJD50
SURFACE MOUNT
NPN SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CJD47, CJD50
types are NPN Silicon Power Transistors manufactured
in a surface mount package designed for high voltage
applications such as power supplies and other
switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CJD47
CJD50
UNITS
Collector-Base Voltage
VCBO
350
500
V
Collector-Emitter Voltage
VCEO
250
400
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
2.0
A
Continuous Base Current
IB
600
mA
Power Dissipation
PD
15
W
Power Dissipation (TA=25°C)
PD
1.56
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
8.33
°C/W
Thermal Resistance
ΘJA
80.1
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=150V (CJD47)
200
µA
ICEO
VCE=300V (CJD50)
200
µA
ICES
VCE=350V (CJD47)
100
µA
ICES
VCE=500V (CJD50)
100
µA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA (CJD47)
250
V
BVCEO
IC=30mA (CJD50)
400
V
VCE(SAT)
IC=1.0A, IB=200mA
1.0
V
VBE(ON)
VCE=10V, IC=1.0A
1.5
V
hFE
VCE=10V, IC=300mA
30
150
hFE
VCE=10V, IC=1.0A
10
fT
VCE=10V, IC=200mA, f=2.0MHz
10
MHz
hfe
VCE=10V, IC=200mA, f=1.0kHz
25
DPAK TRANSISTOR CASE
R2 (4-January 2010)
www.centra lsemi.com


Similar Part No. - CJD47

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD47 CENTRAL-CJD47 Datasheet
496Kb / 2P
   NPN SILICON POWER TRANSISTOR
CJD47 CENTRAL-CJD47 Datasheet
562Kb / 2P
   SURFACE MOUNT SILICON NPN POWER TRANSISTORS
CJD47 CENTRAL-CJD47_15 Datasheet
562Kb / 2P
   SURFACE MOUNT SILICON NPN POWER TRANSISTORS
More results

Similar Description - CJD47

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT3150 CENTRAL-CZT3150 Datasheet
76Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150_10 Datasheet
358Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3090L CENTRAL-CXT3090L_15 Datasheet
360Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT5338 CENTRAL-CZT5338_10 Datasheet
603Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150_15 Datasheet
358Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT3150 CENTRAL-CZT3150_15 Datasheet
602Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT3150 CENTRAL-CZT3150_10 Datasheet
602Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150 Datasheet
86Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT5338 CENTRAL-CZT5338_15 Datasheet
603Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com