Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N918 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N918
Description  NPN LOW POWER SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N918 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N918_1 Datasheet HTML 1Page - Microsemi Corporation 2N918_1 Datasheet HTML 2Page - Microsemi Corporation 2N918_1 Datasheet HTML 3Page - Microsemi Corporation 2N918_1 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0010 Rev. 3 (101342)
Page 4 of 4
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Hatched areas on package denote metallized areas.
4. Lid material: Kovar.
5. Pad 1 = Base, Pad 2 = Emitter, Pad 3 = Collector, Pad 4 = Shielding connected to the lid.
6. In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 2. Physical dimensions for 2N918UB, surface mount.
Symbol
Dimensions
Dimensions
Inches
Millimeters
Note
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
Min
Max
Min
Max
BH
.046
.056
1.17
1.42
LS1
.036
.040
0.91
1.02
BL
.115
.128
2.92
3.25
LS2
.071
.079
1.80
2.01
BW
.085
.108
2.16
2.74
LW
.016
.024
0.41
0.61
CL
.128
3.25
r
.008
.203
CW
.108
2.74
r1
.012
.305
LL1
.022
.038
0.56
0.97
r2
.022
.559
LL2
.017
.035
0.4.
0.89


Similar Part No. - 2N918_1

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N918ACSM SEME-LAB-2N918ACSM Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
2N918ADCSM SEME-LAB-2N918ADCSM Datasheet
18Kb / 1P
   ELECTRICAL CHARACTERISTICS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
   GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
logo
Semicoa Semiconductor
2N918UB SEMICOA-2N918UB Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
More results

Similar Description - 2N918_1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com