Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C11 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZV55C11
Description  SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZV55C11 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZV55C11 Datasheet HTML 1Page - Central Semiconductor Corp BZV55C11 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZV55C2V4
THRU
BZV55C75
SURFACE MOUNT
SILICON ZENER DIODE
0.5 WATT, 2.4 THRU 75 VOLTS
± 5% TOLERANCE
SOD-80 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - CONTINUED: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
MARKING: CATHODE BAND
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
V
V
V
mA
Ω
Ω
mA
μA
V
mA
BZV55C12
11.40
12
12.60
5.0
25
150
1.0
0.1
8.0
42
BZV55C13
12.35
13
13.65
5.0
30
170
1.0
0.1
8.0
38
BZV55C15
14.25
15
15.75
5.0
30
200
1.0
0.05
10.5
33
BZV55C16
15.20
16
16.80
5.0
40
200
1.0
0.05
11.2
31
BZV55C18
17.10
18
18.90
5.0
45
225
1.0
0.05
12.6
28
BZV55C20
19.00
20
21.00
5.0
55
225
1.0
0.05
14.0
25
BZV55C22
20.90
22
23.10
5.0
55
250
1.0
0.05
15.4
23
BZV55C24
22.80
24
25.20
5.0
70
250
1.0
0.05
16.8
21
BZV55C27
25.65
27
28.35
2.0
80
300
0.5
0.05
18.9
19
BZV55C30
28.50
30
31.50
2.0
80
300
0.5
0.05
21.0
17
BZV55C33
31.35
33
34.65
2.0
80
325
0.5
0.05
23.1
15
BZV55C36
34.20
36
37.80
2.0
90
350
0.5
0.05
25.2
14
BZV55C39
37.05
39
40.95
2.0
130
350
0.5
0.05
27.3
13
BZV55C43
40.85
43
45.15
2.0
150
375
0.5
0.05
30.1
12
BZV55C47
44.65
47
49.35
2.0
170
375
0.5
0.05
32.9
11
BZV55C51
48.45
51
53.55
2.0
180
400
0.5
0.05
35.7
9.9
BZV55C56
53.20
56
58.80
2.0
200
425
0.5
0.05
39.2
8.9
BZV55C62
58.90
62
65.10
2.0
215
450
0.5
0.05
43.4
8.0
BZV55C68
64.60
68
71.40
2.0
240
475
0.5
0.05
47.6
7.4
BZV55C75
71.25
75
78.75
2.0
255
500
0.5
0.05
52.5
6.7
www.centralsemi.com
R2 (11-January 2010)


Similar Part No. - BZV55C11

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C11 CDI-DIODE-BZV55C11 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C11 MICROSEMI-BZV55C11 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C11 CENTRAL-BZV55C11 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C11 CDIL-BZV55C11 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C11 EIC-BZV55C11 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C11

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZV55C2V4 CENTRAL-BZV55C2V4 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com