Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMC64A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1SMC64A
Description  SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMC64A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1SMC64A Datasheet HTML 1Page - Central Semiconductor Corp 1SMC64A Datasheet HTML 2Page - Central Semiconductor Corp 1SMC64A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SMC5.0A
THRU
1SMC170A
SURFACE MOUNT
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
1500 WATTS, 5.0 THRU 170 VOLTS
ELECTRICAL CHARACTERISTICS - Continued:
TYPE
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
PEAK
PULSE
CURRENT
(Note 1)
MARKING
CODE
VRWM
(V)
MIN
(V)
MAX
(V)
IT
(mA)
IR
(µA)
VC
(V)
IPP
(A)
1SMC33A
33
36.7
42.2
1.0
5.0
53.3
28.1
CGFM
1SMC36A
36
40
46
1.0
5.0
58.1
25.8
CGFP
1SMC40A
40
44.4
51.1
1.0
5.0
64.5
23.2
CGFR
1SMC43A
43
47.8
54.9
1.0
5.0
69.4
21.6
CGFT
1SMC45A
45
50
57.5
1.0
5.0
72.7
20.6
CGFV
1SMC48A
48
53.3
61.3
1.0
5.0
77.4
19.4
CGFX
1SMC51A
51
56.7
65.2
1.0
5.0
82.4
18.2
CGFZ
1SMC54A
54
60
69
1.0
5.0
87.1
17.2
CGGE
1SMC58A
58
64.4
74.1
1.0
5.0
93.6
16
CGGG
1SMC60A
60
66.7
76.7
1.0
5.0
96.8
15.5
CGGK
1SMC64A
64
71.1
81.8
1.0
5.0
103
14.6
CGGM
1SMC70A
70
77.8
89.5
1.0
5.0
113
13.3
CGGP
1SMC75A
75
83.3
95.8
1.0
5.0
121
12.4
CGGR
1SMC78A
78
86.7
99.7
1.0
5.0
126
11.4
CGGT
1SMC85A
85
94.4
108.2
1.0
5.0
137
10.4
CGGV
1SMC90A
90
100
115.5
1.0
5.0
146
10.3
CGGX
1SMC100A
100
111
128
1.0
5.0
162
9.3
CGGZ
1SMC110A
110
122
140.5
1.0
5.0
177
8.4
CGHE
1SMC120A
120
133
153
1.0
5.0
193
7.9
CGHG
1SMC130A
130
144
165.5
1.0
5.0
209
7.2
CGHK
1SMC150A
150
167
192.5
1.0
5.0
243
6.2
CGHM
1SMC160A
160
178
205
1.0
5.0
259
5.8
CGHP
1SMC170A
170
189
217.5
1.0
5.0
275
5.5
CGHR
SMC CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R5 (20-November 2009)


Similar Part No. - 1SMC64A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC64A CENTRAL-1SMC64A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMC64A MOTOROLA-1SMC64A Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
1SMC64A EIC-1SMC64A Datasheet
91Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
1SMC64A BWTECH-1SMC64A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
logo
Central Semiconductor C...
1SMC64A CENTRAL-1SMC64A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1SMC64A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8CA CENTRAL-1.5SMC6.8CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com