Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041DV33-10BVJXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1041DV33-10BVJXI
Description  4-Mbit (256 K 횞 16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041DV33-10BVJXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1041DV33-10BVJXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1041DV33-10BVJXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY7C1041DV33
4-Mbit (256 K × 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05473 Rev. *I
Revised January 24, 2011
4-Mbit (256 K × 16) Static RAM
Features
Temperature ranges
Industrial: –40 °C to 85 °C
Automotive-A [1] : –40 °C to 85 °C
Automotive-E [1] : –40 °C to 125 °C
Pin and function compatible with CY7C1041CV33
High speed
tAA = 10 ns
Low active power
ICC = 90 mA at 10 ns (industrial)
Low CMOS standby power
ISB2 = 10 mA
2.0 V data retention
Automatic power-down when deselected
TTL compatible inputs and outputs
Easy memory expansion with CE and OE features
Available in Pb-free 48-ball VFBGA, 44-pin (400-mil) molded
SOJ, and 44-pin TSOP II Packages
Functional Description
The CY7C1041DV33 is a high performance CMOS Static RAM
organized as 256 K words by 16-bits. To write to the device, take
chip enable (CE) and write enable (WE) inputs LOW. If byte low
enable (BLE) is LOW, then data from I/O pins (I/O0 to I/O7) is
written into the location specified on the address pins (A0 to A17).
If byte high enable (BHE) is LOW, then data from I/O pins (I/O8
to I/O15) is written into the location specified on the address pins
(A0 to A17).
To read from the device, take chip enable (CE) and output enable
(OE) LOW while forcing the write enable (WE) HIGH. If BLE is
LOW, then data from the memory location specified by the
address pins appears on I/O0 to I/O7. If BHE is LOW, then data
from memory appears on I/O8 to I/O15. See the Truth Table on
page 10 for a complete description of read and write modes.
The input and output pins (I/O0 to I/O15) are placed in a high
impedance state when the device is deselected (CE HIGH),
outputs are disabled (OE HIGH), BHE and BLE are disabled
(BHE, BLE HIGH), or during a write operation (CE LOW and WE
LOW).
The CY7C1041DV33 is available in a standard 44-pin 400-mil
wide SOJ and 44-pin TSOP II package with center power and
ground (revolutionary) pinout and a 48-ball fine-pitch ball grid
array (FBGA) package.
For best practice recommendations, refer to the Cypress
application note AN1064, SRAM System Guidelines.
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
256K × 16
A0
IO0–IO7
OE
IO8–IO15
CE
WE
BLE
BHE
Logic Block Diagram
Note
1. Automotive product information is preliminary.
[+] Feedback


Similar Part No. - CY7C1041DV33-10BVJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041DV33-10BVJXI CYPRESS-CY7C1041DV33-10BVJXI Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10BVJXIT CYPRESS-CY7C1041DV33-10BVJXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
More results

Similar Description - CY7C1041DV33-10BVJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com