Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB40A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1SMB40A
Description  SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMB40A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1SMB40A Datasheet HTML 1Page - Central Semiconductor Corp 1SMB40A Datasheet HTML 2Page - Central Semiconductor Corp 1SMB40A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SMB5.0A
THRU
1SMB170A
SURFACE MOUNT
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 5.0 THRU 170 VOLTS
SMB CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued:
TYPE
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
PEAK
PULSE
CURRENT
(Note 1)
MARKING
CODE
VRWM
(V)
MIN
(V)
MAX
(V)
IT
(mA)
IR
(µA)
VC
(V)
IPP
(A)
1SMB33A
33
36.7
42.2
1.0
5.0
53.3
11.3
CMM
1SMB36A
36
40
46
1.0
5.0
58.1
10.3
CMP
1SMB40A
40
44.4
51.1
1.0
5.0
64.5
9.3
CMR
1SMB43A
43
47.8
54.9
1.0
5.0
69.4
8.6
CMT
1SMB45A
45
50
57.5
1.0
5.0
72.7
8.3
CMV
1SMB48A
48
53.3
61.3
1.0
5.0
77.4
7.7
CMX
1SMB51A
51
56.7
65.2
1.0
5.0
82.4
7.3
CMZ
1SMB54A
54
60
69
1.0
5.0
87.1
6.9
CNE
1SMB58A
58
64.4
74.1
1.0
5.0
93.6
6.4
CNG
1SMB60A
60
66.7
76.7
1.0
5.0
96.8
6.2
CNK
1SMB64A
64
71.1
81.8
1.0
5.0
103
5.8
CNM
1SMB70A
70
77.8
89.5
1.0
5.0
113
5.3
CNP
1SMB75A
75
83.3
95.8
1.0
5.0
121
4.9
CNR
1SMB78A
78
86.7
99.7
1.0
5.0
126
4.7
CNT
1SMB85A
85
94.4
108.2
1.0
5.0
137
4.4
CNV
1SMB90A
90
100
115.5
1.0
5.0
146
4.1
CNX
1SMB100A
100
111
128
1.0
5.0
162
3.7
CNZ
1SMB110A
110
122
140.5
1.0
5.0
177
3.4
CPE
1SMB120A
120
133
153
1.0
5.0
193
3.1
CPG
1SMB130A
130
144
165.5
1.0
5.0
209
2.9
CPK
1SMB150A
150
167
192.5
1.0
5.0
243
2.5
CPM
1SMB160A
160
178
205
1.0
5.0
259
2.3
CPP
1SMB170A
170
189
217.5
1.0
5.0
275
2.2
CPR
www.centr a lsemi.com
R4 (20-November 2009)


Similar Part No. - 1SMB40A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB40A CENTRAL-1SMB40A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMB40A MOTOROLA-1SMB40A Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
logo
Central Semiconductor C...
1SMB40A CENTRAL-1SMB40A Datasheet
678Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1SMB40A SUNMATE-1SMB40A Datasheet
818Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
1SMB40A SUNMATE-1SMB40A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - 1SMB40A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com