Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5633MF0MLUA6 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # SPC5633MF0MLUA6
Description  High performance e200z335 core processor
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5633MF0MLUA6 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button SPC5633MF0MLUA6 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5633MF0MLUA6 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
10
2
Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5634M series of
microcontroller units (MCUs). For functional characteristics, refer to the MPC5634M Microcontroller Reference Manual.
The MPC5634M series microcontrollers are system-on-chip devices that are built on Power Architecture® technology and:
Are 100% user-mode compatible with the Power Architecture instruction set
Contain enhancements that improve the architecture’s fit in embedded applications
Include additional instruction support for digital signal processing (DSP)
Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter,
Controller Area Network, and an enhanced modular input-output system


Similar Part No. - SPC5633MF0MLUA6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5633MF0MLUA6 FREESCALE-SPC5633MF0MLUA6 Datasheet
2Mb / 118P
   microcontroller units (MCUs)
More results

Similar Description - SPC5633MF0MLUA6

ManufacturerPart #DatasheetDescription
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
   high-performance Quad-core application processor
Revision 1.2 Feb. 2018
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
   High performance ??Intel Core i7/Core i5 processor technology
logo
Rockchip Electronics Co...
RK3566 ROCKCHIP-RK3566 Datasheet
557Kb / 3P
   A high-performance and low power quad-core application processor
logo
Motorola, Inc
MC68349 MOTOROLA-MC68349 Datasheet
211Kb / 7P
   HIGH PERFORMANCE INTEGRATED PROCESSOR
logo
Protech Systems Co., Lt...
SP-7627 PROTECHSYSTEMS-SP-7627 Datasheet
922Kb / 2P
   High Performance Intel 3rd Gen. Core??i5/i3 and Pentium짰 Processor 19
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_11 Datasheet
726Kb / 124P
   High-performance e200z4d dual core
logo
Texas Instruments
OMAP5910JGDY2 TI1-OMAP5910JGDY2 Datasheet
2Mb / 171P
[Old version datasheet]   Dual-Core Processor
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
logo
National Semiconductor ...
NS32CG16-10 NSC-NS32CG16-10 Datasheet
728Kb / 82P
   High-Performance Printer / Display Processor
logo
C-Media Electronics
CMI8787 CMEDIA-CMI8787 Datasheet
723Kb / 28P
   High Performance PCI Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com