Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020D Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1020D
Description  512K (32K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020D Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1020D Datasheet HTML 1Page - Cypress Semiconductor CY7C1020D Datasheet HTML 2Page - Cypress Semiconductor CY7C1020D Datasheet HTML 3Page - Cypress Semiconductor CY7C1020D Datasheet HTML 4Page - Cypress Semiconductor CY7C1020D Datasheet HTML 5Page - Cypress Semiconductor CY7C1020D Datasheet HTML 6Page - Cypress Semiconductor CY7C1020D Datasheet HTML 7Page - Cypress Semiconductor CY7C1020D Datasheet HTML 8Page - Cypress Semiconductor CY7C1020D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY7C1020D
Document #: 38-05463 Rev. *F
Page 4 of 13
Capacitance [4]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25C, f = 1 MHz, VCC = 5.0V
8
pF
COUT
Output Capacitance
8
pF
Thermal Resistance [4]
Parameter
Description
Test Conditions
SOJ
TSOP II
Unit
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
59.52
53.91
C/W
JC
Thermal Resistance
(Junction to Case)
36.75
21.24
C/W
AC Test Loads and Waveforms [5]
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time:
3 ns
Fall Time:
3 ns
30 pF*
OUTPUT
Z = 50
50
1.5V
(b)
(a)
5V
OUTPUT
5 pF
(c)
R1 480
R2
255
High-Z characteristics:
INCLUDING
JIG AND
SCOPE
Notes
4. Tested initially and after any design or process changes that may affect these parameters.
5. AC characteristics (except High-Z) are tested using the load conditions shown in Figure (a). High-Z characteristics are tested for all speeds using the test load
shown in Figure (c).
[+] Feedback


Similar Part No. - CY7C1020D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
458Kb / 15P
   512K (32K x 16) Static RAM Automatic power-down when deselected
CY7C1020D-10VXI CYPRESS-CY7C1020D-10VXI Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D-10VXI CYPRESS-CY7C1020D-10VXI Datasheet
458Kb / 15P
   512K (32K x 16) Static RAM Automatic power-down when deselected
CY7C1020D-10ZSXI CYPRESS-CY7C1020D-10ZSXI Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
More results

Similar Description - CY7C1020D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
   CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com