Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SMC7.5A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 3SMC7.5A
Description  SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

3SMC7.5A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  3SMC7.5A Datasheet HTML 1Page - Central Semiconductor Corp 3SMC7.5A Datasheet HTML 2Page - Central Semiconductor Corp 3SMC7.5A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMC CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued:
TYPE
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR @
IT
TEST
CURRENT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
CLAMPING
VOLTAGE
@ IPP
PEAK
PULSE
CURRENT
(Note 1)
MARKING
CODE
VRWM
(V)
MIN
(V)
MAX
(V)
IT
(mA)
IR
(µA)
VC
(V)
IPP
(A)
3SMC33A
33
36.7
42.2
1.0
5.0
53.3
56.2
CHFM
3SMC36A
36
40.0
46.0
1.0
5.0
58.1
51.6
CHFP
3SMC40A
40
44.4
51.1
1.0
5.0
64.5
46.4
CHFR
3SMC43A
43
47.8
54.9
1.0
5.0
69.4
43.2
CHFT
3SMC45A
45
50.0
57.5
1.0
5.0
72.7
41.2
CHFV
3SMC48A
48
53.3
61.3
1.0
5.0
77.4
38.8
CHFX
3SMC51A
51
56.7
65.2
1.0
5.0
82.4
36.4
CHFZ
3SMC54A
54
60.0
69.0
1.0
5.0
87.1
34.4
CHGE
3SMC58A
58
64.4
74.1
1.0
5.0
93.6
32.0
CHGG
3SMC60A
60
66.7
76.7
1.0
5.0
96.8
31.0
CHGK
3SMC64A
64
71.1
81.8
1.0
5.0
103
29.2
CHGM
3SMC70A
70
77.8
89.5
1.0
5.0
113
26.6
CHGP
3SMC75A
75
83.3
95.8
1.0
5.0
121
24.8
CHGR
3SMC78A
78
86.7
99.7
1.0
5.0
126
22.8
CHGT
3SMC85A
85
94.4
108.2
1.0
5.0
137
20.8
CHGV
3SMC90A
90
100.0
115.5
1.0
5.0
146
20.6
CHGX
3SMC100A
100
111.0
128.0
1.0
5.0
162
18.6
CHGZ
3SMC110A
110
122.0
140.5
1.0
5.0
177
16.8
CHHE
3SMC120A
120
133.0
153.0
1.0
5.0
193
15.6
CHHG
3SMC130A
130
144.0
165.5
1.0
5.0
209
14.4
CHHK
3SMC150A
150
167.0
192.5
1.0
5.0
243
12.4
CHHM
3SMC160A
160
178.0
205.0
1.0
5.0
259
11.6
CHHP
3SMC170A
170
189.0
217.5
1.0
5.0
275
11.0
CHHR
3SMC5.0A
THRU
3SMC170A
SURFACE MOUNT
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
3000 WATTS, 5.0 THRU 170 VOLTS
www.centr a lsemi.com
R8 (20-November 2009)


Similar Part No. - 3SMC7.5A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC7.5A CENTRAL-3SMC7.5A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
More results

Similar Description - 3SMC7.5A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1.5SMC6.8CA CENTRAL-1.5SMC6.8CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com