Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC16CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1.5SMC16CA
Description  SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1.5SMC16CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1.5SMC16CA Datasheet HTML 1Page - Central Semiconductor Corp 1.5SMC16CA Datasheet HTML 2Page - Central Semiconductor Corp 1.5SMC16CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.5SMC6.8CA
THRU
1.5SMC220CA
SURFACE MOUNT
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
1500 WATTS, 6.8 THRU 220 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5SMC6.8CA
Series types are Surface Mount Bi-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-directional devices, please refer to the
1.5SMC6.8A Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PDM
1500
W
Peak Forward Surge Current (JEDEC Method)
IFSM
200
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
Notes: (1) Non-repetitive 10x1,000µs pulse.
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
WORKING
PEAK
REVERSE
VOLTAGE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
REVERSE
SURGE
CURRENT
(Note 1)
MAXIMUM
REVERSE
VOLTAGE
@ IRSM
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
MARKING
CODE
MIN
(V)
NOM
(V)
MAX
(V)
IT
(mA)
VRWM
(V)
IR
(µA)
IRSM
(A)
VRSM
(V)
ΘVZ
(% / °C)
1.5SMC6.8CA
6.45
6.8
7.14
10
5.8
2000
143
10.5
0.057
C6V8C
1.5SMC7.5CA
7.13
7.5
7.88
10
6.4
1000
132
11.3
0.061
C7V5C
1.5SMC8.2CA
7.79
8.2
8.61
10
7.02
400
124
12.1
0.065
C8V2C
1.5SMC9.1CA
8.65
9.1
9.55
1.0
7.78
100
112
13.4
0.068
C9V1C
1.5SMC10CA
9.5
10
10.5
1.0
8.55
20
103
14.5
0.073
C10C
1.5SMC11CA
10.5
11
11.6
1.0
9.4
5
96
15.6
0.075
C11C
1.5SMC12CA
11.4
12
12.6
1.0
10.2
5
90
16.7
0.078
C12C
1.5SMC13CA
12.4
13
13.7
1.0
11.1
5
82
18.2
0.081
C13C
1.5SMC15CA
14.3
15
15.8
1.0
12.8
5
71
21.2
0.084
C15C
1.5SMC16CA
15.2
16
16.8
1.0
13.6
5
67
22.5
0.086
C16C
1.5SMC18CA
17.1
18
18.9
1.0
15.3
5
59.5
25.2
0.088
C18C
1.5SMC20CA
19.0
20
21.0
1.0
17.1
5
54
27.7
0.090
C20C
1.5SMC22CA
20.9
22
23.1
1.0
18.8
5
49
30.6
0.092
C22C
1.5SMC24CA
22.8
24
25.2
1.0
20.5
5
45
33.2
0.094
C24C
1.5SMC27CA
25.7
27
28.4
1.0
23.1
5
40
37.5
0.096
C27C
1.5SMC30CA
28.5
30
31.5
1.0
25.6
5
36
41.4
0.097
C30C
1.5SMC33CA
31.4
33
34.7
1.0
28.2
5
33
45.7
0.098
C33C
1.5SMC36CA
34.2
36
37.8
1.0
30.8
5
30
49.9
0.099
C36C
1.5SMC39CA
37.1
39
41
1.0
33.3
5
28
53.9
0.100
C39C
SMC CASE
R6 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - 1.5SMC16CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC16CA CENTRAL-1.5SMC16CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC16CA SOCAY-1.5SMC16CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
1.5SMC16CA LITTELFUSE-1.5SMC16CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Central Semiconductor C...
1.5SMC16CA CENTRAL-1.5SMC16CA Datasheet
885Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC16CA TSC-1.5SMC16CA Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC16CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com