Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1010DV33 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1010DV33
Description  2-Mbit (256K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1010DV33 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1010DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1010DV33 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY7C1010DV33
Document Number: 001-00062 Rev. *C
Page 9 of 12
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating Range
10
CY7C1010DV33-10VXI
51-85090
36-pin (400-Mil) Molded SOJ (Pb-free)
Industrial
CY7C1010DV33-10ZSXI
51-85087
44-pin TSOP II (Pb-free)
Ordering Code Definitions
Temperature Range:
I = Industrial
Package Type: XXX = VX or ZSX
VX = 36-pin (400-Mil) Molded SOJ (Pb-free)
ZSX = 44-pin TSOP II (Pb-free)
Speed: 10 ns
V33 = Voltage range (3 V to 3.6 V)
D = C9, 90 nm Technology
0 = Data width × 8-bits
01 = 2-Mbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
V33 - 10 XXX
7
01 0 D
I
[+] Feedback


Similar Part No. - CY7C1010DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33-10VXI CYPRESS-CY7C1010DV33-10VXI Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33-10ZSXI CYPRESS-CY7C1010DV33-10ZSXI Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY7C1010DV33-10ZSXI CYPRESS-CY7C1010DV33-10ZSXI Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
More results

Similar Description - CY7C1010DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com