Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WUV Datasheet(PDF) 1 Page - Tyco Electronics

Part # WUV
Description  Voltage Sensitive Relays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WUV Datasheet(HTML) 1 Page - Tyco Electronics

  WUV Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
20
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
ANSI/IEEE C37.90-1978
UL file No. E58048
CSA file No. LR61158
Voltage sensitive relays are available for both AC and
DC applications for over/undervoltage protection.
Combination over/undervoltage relays provide
bandpass capabilities. AC relays are either single or
three-phase type.
Three phase models are de-
signed to sense the average of the three phases or
the highest single phase.
Voltage trip points are
screwdriver adjustable, and operation is time-de-
layed so that momentary voltage transients will not
cause nuisance tripping.
Voltage Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
WUV-1-120
Type:
WUV - Undervoltage
WOV - Overvoltage
No. Phases
1 = Single
3 = Three
Line Voltage VAC
120
208
220
230
240
380
Options
P - Transient Protection
A - Two Normally Open Contacts
B - Two Normally Closed Contacts
H - 125VDC, 3A Contacts
Transient Protection - All voltage relays will withstand
momentary voltage surges of twice the nominal rated
input voltage (standard).
Option "P" provides additional transient protection
which complies with the requirements of ANSI/IEEE
C37.90-1978
Consult factory for additional models.
PART NUMBER SELECTION
Notes:
1. Remove black screw for access to the voltage trip adjustment.
2.
Clockwise rotation of the adjustment potentiometer will raise the voltage trip point.
PART NUMBER SELECTION
Part Number
Nominal Voltage ...............................
Phase ................................................
Line Frequency .................................
Pick-up to Drop-out Differential ......
Drop-out Point (u/v models) ...........
Pick-Up Point (o/v models) .............
Output Contacts ...............................
Contact Ratings ................................
Operating Temperature Range ........
Power Consumption ........................
Time Delay ........................................
Minimum Life ...................................
WUV/WOV
120 VAC to 575 VAC
Single or Three
50-400 Hz
2.5% maximum
70-100% of nominal voltage, screwdriver adjustable
100-125% of nominal voltage, screwdriver adjustable
One set N.O., One set N.C.
5 amp resistive at 120 VAC or 28 VDC
-20
°C to +65°C
2 VA maximum
150-300 ms (UV Model)
500,000 operations
416
440
460
480
525
575
Single
Phase
Three
Phase
27/59
11/64" DIA.
4 MTG. HOLES
3.0
2
3 /4
3
1 /2
TERMINAL STRIPS
#6 - 32 SCREWS
Typical Time Curve
-10.0
0.0
10.0
20.0
30.0
40.0
0
0.05
0.1
0.15
0.2
0.25
0.3
Pick-Up Time Delay
Overvoltage Relays
WOV Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.
WILMAR™ Protective Relays – WUV/WOV Series


Similar Part No. - WUV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WUVT MACOM-WUVT Datasheet
73Kb / 1P
   Voltage Sensitive Relays
WUVT-1-120 MACOM-WUVT-1-120 Datasheet
73Kb / 1P
   Voltage Sensitive Relays
More results

Similar Description - WUV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WUVT MACOM-WUVT Datasheet
73Kb / 1P
   Voltage Sensitive Relays
WOUVT MACOM-WOUVT Datasheet
75Kb / 1P
   Voltage Sensitive Relays
WOUV MACOM-WOUV Datasheet
69Kb / 1P
   Voltage Sensitive Relays
logo
Nais(Matsushita Electri...
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
   POWER PhotoMOS RELAYS (Voltage Sensitive Type)
logo
Tyco Electronics
WOF MACOM-WOF Datasheet
79Kb / 1P
   Frequency Sensitive Relays
WOUF MACOM-WOUF Datasheet
70Kb / 1P
   Frequency Sensitive Relays
logo
Teledyne Technologies I...
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
   COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com