Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMAXAA Datasheet(PDF) 1 Page - Tyco Electronics

Part # VMAXAA
Description  Single Phase, Plug-in
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VMAXAA Datasheet(HTML) 1 Page - Tyco Electronics

  VMAXAA Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1304
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
VMA series
Single Phase, Plug-in
Undervoltage Relay
• Automatic reset minimizes equipment downtime.
• Fixed pickup point prevents low voltage start-up.
• Adjustable dropout point protects against undervoltage
operation.
• Locking potentiometer maintains selected set point.
• Delayed dropout prevents nuisance tripping.
• Plug-in mounting for easier installation.
• Built-in protection against polarity reversal.
• LED indicates normal voltage condition.
File E60363
Function
Single phase undervoltage relay.
Sensing Specifications
Voltage Set-Point Adjustment: Locking potentiometer with calibrated dial.
Response Time: Standard 0.5 sec. delay on dropout.
Accuracy: Repeat Accuracy:
±0.5% under fixed conditions.
Overall Accuracy:
±1%.
Temperature Coefficient:
±0.02%/°C (Max.).
Output Data
Arrangement: 2 Form C (DPDT).
Rating: 7A @ 250VAC; 1/6 HP @ 250VAC; 300VA @ 120/240VAC;
3A @ 30VDC.
Expected Mechcanical Life: 10,000,000 operations.
Expected Electrical Life: 100,000 operations at rated resistive load.
Outline Dimensions
Mechanical Data
Mounting: Octal plug. Fits 27E122 or 27E891 (snap-on) screw terminal
socket. Order socket separately.
Enclosure: Nylon cover protects against particles.
Status Indication: LED indicates normal voltage condition.
Weight: 6 oz. (168g) approximately.
Environmental Data
Temperature Range: Storage: -30
°C to +60°C.
Operating: -10
°C to +55°C.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Authorized distributors are likely to stock the following:
None at present.
Initial Dielectric Strength
Between Terminals and Case: 1,480V.
Between Relay Contacts and Active Circuitry: 1,480V.
Input Data
Voltage: See ordering information.
Power Requirement: 4W, max.
Transient Protection: 24VAC ................. 1.5 joules
24VDC ................. 1.5 joules
48VDC ................. 10 joules
120VAC ............... 10 joules
125VDC ............... 10 joules
240VDC ............... 20 joules
Reverse Polarity Protection: On DC models.
Duty Cycle: Continuous.
Ordering Information
Part Number
Nominal Voltage
Pick-Up (V)
Drop-Out Range (V)
VMAXEA
24VAC
21
15 to 20
VMAXAA
120VAC
104
78 to 99
VMAXBA
240VAC
209
156 to 199
VMAXOA
24VDC
21
15 to 20
VMAXEA
48VDC
42
31 to 40
VMAXEA
125VDC
109
81 to 103
Wiring Diagram (Bottom View)


Similar Part No. - VMAXAA

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VMA1647G CPI-VMA1647G Datasheet
324Kb / 1P
   Magnetron
More results

Similar Description - VMAXAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2020 VISHAY-GSIB2020 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_14 Datasheet
86Kb / 5P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 13-Jun-14
GSIB15A20N VISHAY-GSIB15A20N Datasheet
86Kb / 5P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 26-Jun-13
GSIB620N VISHAY-GSIB620N Datasheet
65Kb / 3P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 26-Apr-13
GSIB6A20 VISHAY-GSIB6A20_14 Datasheet
86Kb / 5P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 13-Jun-14
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 14-Jul-09
GSIB1520N VISHAY-GSIB1520N_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
GSIB2020N VISHAY-GSIB2020N_V01 Datasheet
92Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
GSIB6A20N VISHAY-GSIB6A20N_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
VSIB620 VISHAY-VSIB620 Datasheet
202Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
20-Jul-05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com