Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23092-A1005-A801 Datasheet(PDF) 1 Page - Tyco Electronics

Part # V23092-A1005-A801
Description  Slim PCB Relay SNR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23092-A1005-A801 Datasheet(HTML) 1 Page - Tyco Electronics

  V23092-A1005-A801 Datasheet HTML 1Page - Tyco Electronics V23092-A1005-A801 Datasheet HTML 2Page - Tyco Electronics V23092-A1005-A801 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Slim PCB Relay SNR
I 1 pole 6 A, 1 CO or 1 NO contact
I Only 5 mm wide
I Sensitive coil 170 mW
I 4 kV coil-contact, 6 / 8 mm clearance/creepage, NO version
with 8 / 8 mm clearance/creepage on request
I Reinforced insulation (protection class II)
I Allows high function-/packing density
I Cadmium-free contacts, AgNi 90/10 for AC-loads
I RoHS compliant (Directive 2002/95/EC) as per product date
code 0404
Applications: centralized and decentralized heating control,
extremely narrow interface elements, interface technology,
timers, PLC's, I/O modules, I/O-ports
F0140-C
Approvals
V REG.-Nr. 6666, Z E214024
Technical data of approved types on request
Contact data
Contact configuration
1CO or 1NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
6 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
1500 VA
Limiting making capacity, max 4 s, duty factor 10%
10 A
Contact material
AgSnO2
AgSnO2
AgNi90/10
gold plated
Minimum contact load
100mA, 12V
50mW
100mA, 12V
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 /1200 min-1
Contact ratings
Type
Load
Cycles
V23092-*****-A302
3(1,5)A, 250VAC, 85°C, 1mm mounting distance,
6 cycles / min, EN60730-1
100x103
V23092-*****-A302
5(1,5)A, 250VAC, 85°C, 0,5mm mounting
-A802
distance, 6 cycles / min, EN60730-1
10x103
V23092-
Pilot Duty R300 28 VDC, 85°C, 6000 cycles, UL508
V23092-
Pilot Duty B300 240 VAC, 85°C, 6000 cycles, UL508
Coil data
Rated coil voltage range DC coil
5...60 VDC
Coil power DC coil
typ. 170 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.25
147+10%
170
012
12
8.4
0.6
848+10%
170
024
24
16.8
1.2
3390+10%
170
048
48
33.6
2.4
10600+15%
217
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - V23092-A1005-A801

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23092-A1005-A801 MACOM-V23092-A1005-A801 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
logo
TE Connectivity Ltd
V23092-A1005-A801 TEC-V23092-A1005-A801 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results

Similar Description - V23092-A1005-A801

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1416100-0 MACOM-2-1416100-0 Datasheet
119Kb / 2P
   Accessories Slim Interface Relay SNR
ST3FLC4 MACOM-ST3FLC4 Datasheet
88Kb / 2P
   Accessories Slim Interface Relay SNR
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
   Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
   Slimline PCB Relay SNR
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com