Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR6
Description  Safety Relay SR6
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6 Datasheet(HTML) 2 Page - Tyco Electronics

  SR6_05 Datasheet HTML 1Page - Tyco Electronics SR6_05 Datasheet HTML 2Page - Tyco Electronics SR6_05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Safety Relay SR6 (Continued)
Product key
V 23050 - A 1
- A 5
Type
Version
A1 standard
Coil
Coil code = rated coil voltage (e.g. 024=24 VDC)
Contact set
A
single contact
Contact material
5
AgSnO2
Contact configuration
33 3 NO and 3 NC contacts
42 4 NO and 2 NC contacts
51 5 NO and 1 NC contacts
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0368-CA
S0368-CB
S0368-CC
S0367-DA
5 NO + 1 NC version
S0368-CD
4 NO+2 NC and 3 NO+3 NC versions
S0368-CE
Insulation
Insulation resistance coil-contact circuit
> 100x106 Ohm
Dielectric strength coil-contact circuit
3000 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
3000 Vrms
Clearance / creepage coil-contact circuit
W 5.5 / 5.5 mm
adjacent contact circuits
W 5.5 / 5.5 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
CTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
Insulation to EN 50178
Type of insulation coil-contact circuit
reinforced
adjacent contact circuits
reinforced
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0407
Ambient temperature range
-25...+70°C
Vibration resistance (function) NO / NC contact
> 8 / 2.5 g, 10....200 Hz
Shock resistance (function) NO / NC contact
> 10 / 2.5 g, 16 ms half sine
Category of protection
RT III 1)
Resistance to soldering heat
260°C / 5 s
Relay weight
30 g
Packaging unit
10 pcs
1) please contact technical support for washing parameters
Accessories
PCB socket and hold down clip
contact technical support


Similar Part No. - SR6_05

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR600 LUMINIS-SR600 Datasheet
299Kb / 4P
   Ceiling surface mounting
logo
MIC GROUP RECTIFIERS
SR610 MIC-SR610 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR6100CK RECTRON-SR6100CK Datasheet
107Kb / 4P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 6.0 Amperes
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Gaomi Xinghe Electronic...
SR620 GXELECTRONICS-SR620 Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR6_05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
   Safety Relay SR6 D/M
SR6Z MACOM-SR6Z_05 Datasheet
131Kb / 2P
   Safety Relay on DIN-rail SR6 Z
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
   Force Guided Relay SR6 A/B/C/V
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com