Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE030006 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RE030006
Description  Miniature PCB Relay RE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RE030006 Datasheet(HTML) 2 Page - Tyco Electronics

  RE030006 Datasheet HTML 1Page - Tyco Electronics RE030006 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EL1
Issued 2005/12
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature PCB Relay RE (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0176-BH
S0176-BJ
Product key
RE
0
3
Type
Version
0
wash-tight
Contact configuration
3
1 NO contact
Contact material
1
AgNi 0.15
2
AgNi 0.15 gold plated
4
AgNi 90/10
0
AgCdO
Coil
Coil code: please refer to coil versions table
Product key
Version
Contacts
Contact material
Coil
Part number
RE030005
wash tight
1 NO contact
AgCdO
5 VDC
0-1393217-1
RE030006
6 VDC
0-1393217-2
RE030012
12 VDC
0-1393217-4
RE030024
24 VDC
0-1393217-8
RE030048
48 VDC
1-1393217-1
RE032005
AgNi 0,15
5 VDC
1-1393217-9
RE032006
gold plated
6 VDC
2-1393217-0
RE032012
12 VDC
2-1393217-2
RE032024
24 VDC
2-1393217-4
RE032048
48 VDC
2-1393217-5
RE034005
AgNi 90/10
5 VDC
2-1416010-3
RE034006
6 VDC
2-1416010-4
RE034012
12 VDC
2-1416010-6
RE034024
24 VDC
2-1416010-7
RE034048
48 VDC
2-1416010-8
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0352
Flammability class according to UL94
V-0
Ambient temperature range
-40 ... +70°C
-40 ... +85°C at 4 A
Operate- / release time
5/1 ms
Bounce time NO / NC contact
1 ms
Category of protection
RTIII - wash-tight
Resistance to soldering heat wash-tight version
260°C / 5 s
Relay weight
5 g
Packaging unit
25 pcs
S0271-AH


Similar Part No. - RE030006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RE030006 MACOM-RE030006 Datasheet
142Kb / 2P
   Miniature PCB Relay
More results

Similar Description - RE030006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393217-0 MACOM-2-1393217-0 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-2 MACOM-2-1393217-2 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-4 MACOM-2-1393217-4 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-5 MACOM-2-1393217-5 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com