Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCJ-112D2M-WG Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCJ-112D2M-WG
Description  Miniature PCB Relay PCJ
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCJ-112D2M-WG Datasheet(HTML) 1 Page - Tyco Electronics

  PCJ-112D2M-WG Datasheet HTML 1Page - Tyco Electronics PCJ-112D2M-WG Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature PCB Relay PCJ
I 1 pole 3 / 5 A, 1 NO contact
I Sensitive coil 200 mW
I 8 mm creepage / clearance
I Version for 105°C
I WG version: Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0424
Applications
Domestic appliances
Approvals
V 3 A versions: REG.-Nr. 122301 ÜG, 5 A versions pending; U E82292
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
3 A
5 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
750 VA
1250 VA
Contact material
AgNi
AgSnOInO
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
30 / 300 min-1
Contact ratings
Type
Load
Cycles
AgNi
3 A, 240 VAC, 90°C
1x105
AgSnOInO
5 A, 240 VAC, 85°C
1x105
AgSnOInO
3 A, 240 VAC, 105°C
1x105
Coil data
Rated coil voltage range DC coil
3...24 VDC
Coil power DC coil
typ. 200 mW
Operative range
2
Coil insulation system according UL1446
A
F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
03
3
2.25
0.15
45+10%
200
05
5
3.75
0.25
125+10%
200
06
6
4.5
0.3
180+10%
200
09
9
6.75
0.45
405+10%
200
12
12
9
0.6
720+10%
200
24
24
18
1.2
2880+10%
200
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0276-A


Similar Part No. - PCJ-112D2M-WG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCJ-112D3M MACOM-PCJ-112D3M Datasheet
123Kb / 2P
   Miniature PCB Relay
PCJ-112D3M MACOM-PCJ-112D3M Datasheet
166Kb / 2P
   Miniature PCB Relay PCJ
PCJ-112D3M-WG MACOM-PCJ-112D3M-WG Datasheet
123Kb / 2P
   Miniature PCB Relay
PCJ-112D3MH MACOM-PCJ-112D3MH Datasheet
123Kb / 2P
   Miniature PCB Relay
PCJ-112D3MH MACOM-PCJ-112D3MH Datasheet
166Kb / 2P
   Miniature PCB Relay PCJ
More results

Similar Description - PCJ-112D2M-WG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCJ MACOM-PCJ_09 Datasheet
166Kb / 2P
   Miniature PCB Relay PCJ
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com