Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS12-1W Datasheet(PDF) 2 Page - Tyco Electronics

Part # PS12-1W
Description  PS12 Series High Performance Solid State Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PS12-1W Datasheet(HTML) 2 Page - Tyco Electronics

  PS12-1W Datasheet HTML 1Page - Tyco Electronics PS12-1W Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PS12-TBD–PDF–KRG–10-09
.
2
PS12 Series High Performance Solid State Relays
AC solid state relay for loads up to 10A @ 250Vrms (Continued)
Electrical Specifications (-55°C to +95°C unless otherwise specified)
Input
Input supply voltage range (Vcc)
3.8 - 32 Vdc
Input current (max.) @ 5Vdc
16mAdc
Must turn-on voltage
3.8Vdc
Must turn-off voltage
1Vdc
Reverse voltage protection
-32Vdc
I/O
Dielectric strength (min.)
1,500V rms/60 Hz.
Insulation resistance (min.) @ 500Vdc
108 ohms
Capacitance (max.)
15pF
Output
Output current rating (max.)
10A rms (Fig. 2, Note 1)
Surge current (max.)
100A pk (Fig. 1, Note 2)
Continuous load voltage (max.)
250V rms
Transient blocking voltage (max.)
460V pk
Frequency range
45 - 440 Hz.
Output voltage drop (max.) @ 25A load current
1.5V rms
Off-state leakage current (max.) @ 220V rms/400 Hz.
9mA rms
Turn-on time (max.)
1/2 cycle
Turn-off time (max.)
1 cycle
Off-state dv/dt (min.), with snubber
200V /µs (Note 3)
Zero voltage turn-on window (max.)
±15V pk
Output chip junction temperature (max.)
125°C (Note 1)
Thermal resistance (max.), junction to ambient
11.5°C/W
Thermal resistance (max.), junction to case
2.0°C/W
Fusing I2T, 1 ms (max.)
150A2s
Load power factor (min.)
0.2
Power dissipation (max.)
1.5W/A
Environmental Characteristics
Ambient Temperature Range:
Operating: -55°C to +95°C.
Storage: -55°C to +110°C.
Vibration Resistance:
30 G’s, 78-2,000 Hz.
Shock Resistance:
100 G’s, 6 ms pulse.
Constant Acceleration Resistance:
100 G’s.
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Mechanical Characteristics
Weight (max.):
3 oz. (85 grams)
Materials:
Case: Plastic, self-extinguishing,
epoxy filled
Terminals: Brass, nickel-plated.
Base Plate: Aluminum
NOTE: Do not exceed 128 in-oz when
tightening screws.
Notes
1. Operation at elevated load currents up to 10 amps is dependent on the use of suitable heatsink to limit junction temperature.
2. Heating of output chips during and after a surge may cause loss of output blocking capability until junction temperature falls below maximum rating.
3. Internal snubber network is provided across output chips.
Figure 1 - Peak Surge Current vs. Surge Current Duration
Figure 2 - Load Current vs. Temperature
10
1001000
10,000
0
200
400
600
800
1000
Surge Current Duration (mSec)
20
10
30
40
50
60
70
80
90 100 110
8
6
4
2
0
120
Ambient Temperature (
°C)
1
°C/W HEAT SINK
NO HEAT SINK


Similar Part No. - PS12-1W

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
PS12-20 DATEL-PS12-20 Datasheet
117Kb / 1P
   POL, 100-Watt, SMT, 0.7525 - 5 Volts Output
More results

Similar Description - PS12-1W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JPS10-1Y MACOM-JPS10-1Y Datasheet
65Kb / 2P
   JPS10 Series High Performance Solid State Relays
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com