Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5S7LC4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PT5S7LC4
Description  Relay package consisting of PT relay, DIN-rail socket, plastic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT5S7LC4 Datasheet(HTML) 1 Page - Tyco Electronics

  PT5S7LC4 Datasheet HTML 1Page - Tyco Electronics PT5S7LC4 Datasheet HTML 2Page - Tyco Electronics PT5S7LC4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Relay Package PT
F0274-B
I Relay package consisting of PT relay, DIN-rail socket, plastic
retaining clip, module and marking tag
I 2 pole 12 A, 3 pole 10 A or 4 pole 6 A
I DC- or AC coil
I Mechanical and electrical indicator
I Manual test tab, optionally lockable
I
I RoHS compliant (Directive 2002/95/EC)
as per production date code 0535
Approvals
Relay:
VREG.-Nr. 115719, Z E214025, L00/20059(E2)
Socket:
V REG.-Nr. 115719, Z E135149
Technical data of approved types on request
Contact data
PT2
PT3
PT5
Contact configuration
2 CO
3 CO
4 CO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
12 A
10 A
6 A
Limiting continuous current
see derating curve
Rated voltage / max.switching voltage AC
240/400 VAC
240/400 VAC
240/240 VAC
Maximum breaking capacity AC
3000 VA
2500 VA
1500 VA
Limiting making capacity, max 20 ms
24 A
20 A
12 A
Contact material
AgNi90/10, AgNi90/10 gold plated
Minimum contact load
12V/10mA, 20mV/1mA gold plated
Mechanical endurance DC coil
30x106 cycles
AC coil
20x106 cycles
Rated frequency of operation with / without load
6/600 min-1
Contact ratings
For contact ratings see datasheet
Miniature Relay PT
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...230 VAC
Coil power DC coil
0.75 mW
AC coil
1.0 VA
Operative range DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C, % of Urtd
90..110%
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
LED+PD *)
VDC
VDC
VDC
Ohm
mW
LB2
12
9.0
1.2
192+10%
750
LC4
24
18.0
2.4
777+10%
741
*) Protection diode PD
Coil versions, AC-coil 50/60 Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
LED
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ohm
VA
RC4
24
19.2/21.6
7.2
192+10%
1.0/0.79
SB5
115
92.0/103.5
34.5
4845+12%
1.0/0.86
TD0
230
184.0/207.0
69.0
19465+15%
1.0/0.90
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PT5S7LC4

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
PT5S12-0.08 DATEL-PT5S12-0.08 Datasheet
158Kb / 1P
   Switching Regulator 1-Watt SIP, 12 Volts Output
PT5S12-0.16 DATEL-PT5S12-0.16 Datasheet
158Kb / 1P
   Switching Regulator 2-Watt SIP, 12 Volts Output
PT5S12-0.25 DATEL-PT5S12-0.25 Datasheet
142Kb / 1P
   Switching Regulator 3 Watt SIP, 12 Volts Output
PT5S15-0.06 DATEL-PT5S15-0.06 Datasheet
158Kb / 1P
   Switching Regulator 1-Watt SIP, 15 Volts Output
PT5S15-0.13 DATEL-PT5S15-0.13 Datasheet
158Kb / 1P
   Switching Regulator 2-Watt SIP, 15 Volts Output
More results

Similar Description - PT5S7LC4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT3S4LC4 MACOM-RT3S4LC4 Datasheet
252Kb / 3P
   Relay package consisting of RT relay, DIN-rail socket, plastic
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
Tyco Electronics
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
2-1415075-1 MACOM-2-1415075-1 Datasheet
264Kb / 3P
   Relay Package PT
2-1415366-1 MACOM-2-1415366-1 Datasheet
264Kb / 3P
   Relay Package PT
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
   PLC relay, consisting of base terminal block PLCBSC
logo
Tyco Electronics
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
   DIN Rail Relay AC/DC Control
logo
Tyco Electronics
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com