Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0508315MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0508315MXP
Description  3AB 1000VAC / DC High Voltage Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0508315MXP Datasheet(HTML) 2 Page - Littelfuse

  0508315MXP Datasheet HTML 1Page - Littelfuse 0508315MXP Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
2
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Cartridge Fuses
3AB 1000Vac/dc High Voltage Fuse
508 Series
Please refer to www.littelfuse.com/series/508.html for current information.
Product Characteristics
Dimensions
Materials
Body:Ceramic
Cap:Nickel–platedbrass
Terminal Strength
MIL-STD-202G,Method211A,
TestConditionA
Solderability
NA
Product Marking
Cap1:Brandlogo,currentandvoltage
ratings
Cap2:Seriesandagencyapprovalmarks
Operating
Temperature:
–55ºCto125ºC.
Thermal
Shock:
MIL-STD-202G,Method107G,TestConditionB
(5Cycles-65ºCto+125ºC).
Vibration
MIL-STD-202G,Method201A
Humidity
MIL-STD-202G,Method103B,TestCondition
A:Highrelativehumidity(95%)andelevated
temp(40ºC)for240hours
Salt Spray
MIL-STD-202G,Method101E,TestConditionB
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging
Code
Reel Size
508 Series
Bulk
N/A
1000
MX
N/A
Packaging
ø 6.3
32
Part Numbering System
0508
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Current Rating Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table
Average Time Current Curves
Temperature Rerating Curve
0.001
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
Amps


Similar Part No. - 0508315MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0508315MXP LITTELFUSE-0508315MXP Datasheet
168Kb / 2P
   Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
More results

Similar Description - 0508315MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0508315MXP LITTELFUSE-0508315MXP Datasheet
168Kb / 2P
   Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
0508001.MXEP LITTELFUSE-0508001.MXEP Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508001.MXP LITTELFUSE-0508001.MXP Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.315MX6P LITTELFUSE-0508.315MX6P Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.500MX6P LITTELFUSE-0508.500MX6P Datasheet
194Kb / 3P
   Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0314.125H LITTELFUSE-0314.125H Datasheet
57Kb / 1P
   3AB Fast-Acting Fuse 314/324 Series
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
logo
Bel Fuse Inc.
0603R0500-33 BEL-0603R0500-33 Datasheet
794Kb / 4P
   Type 3AB / 3ABP Fast Blow Fuse Series
logo
Littelfuse
E10480 LITTELFUSE-E10480 Datasheet
449Kb / 4P
   328 Series, Lead-Free 3AB, High Surge Withstanding Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com