Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0209006MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 0209006MXEP
Description  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0209006MXEP Datasheet(HTML) 3 Page - Littelfuse

  0209006MXEP Datasheet HTML 1Page - Littelfuse 0209006MXEP Datasheet HTML 2Page - Littelfuse 0209006MXEP Datasheet HTML 3Page - Littelfuse 0209006MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
253
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Time Lag > 209 Series
209 Series
Please refer to www.littelfuse.com/series/209.html for current information.
Product Characteristics
Dimensions
Materials
Body : Glass
Cap : Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
Test Condition A
Solderability
2003-01 Annex A
Product Marking
Cap1 : Brand logo, current and voltage
ratings
Cap2 : Series and agency approval marks
Operating
Temperature:
–55ºC to 125ºC.
Thermal
Shock:
Vibration
Humidity
for 240 hours
Salt Spray
Packaging
209 000P Series
209 000EP Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.7 (.184")
.635
(.025")
38.1
(1.50") TYP.
Part Numbering System
Option Codes
Packaging Code
Quantity Code
Current Rating Code
Series
Blank = Cartridge Type Fuse
E = Axial Leaded Fuse
X = Loose Pack
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table
0209
M X E P
xxxx
Lead-free
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging
Code
Taping Width
209 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MXE
N/A
1500
T1=52mm (2.062”)


Similar Part No. - 0209006MXEP

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0209000000 WEIDMULLER-0209000000 Datasheet
102Kb / 1P
   Fuse terminals
0209000000 WEIDMULLER-0209000000 Datasheet
1Mb / 52P
   SAK-series
logo
Littelfuse
0209001.DRT1P LITTELFUSE-0209001.DRT1P Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0209001.MXP LITTELFUSE-0209001.MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
More results

Similar Description - 0209006MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com