Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0208002.MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 0208002.MXEP
Description  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0208002.MXEP Datasheet(HTML) 3 Page - Littelfuse

  0208002.MXEP Datasheet HTML 1Page - Littelfuse 0208002.MXEP Datasheet HTML 2Page - Littelfuse 0208002.MXEP Datasheet HTML 3Page - Littelfuse 0208002.MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
249
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Fast-Acting > 208 Series
208 Series
Please refer to www.littelfuse.com/series/208.html for current information.
Product Characteristics
Dimensions
Materials
Body : Glass
Cap : Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
Test Condition A
Solderability
2003-01 Annex A
Product Marking
Cap1 : Brand logo, current and voltage
ratings
Cap2 : Series and agency approval marks
Operating
Temperature:
–55ºC to 125ºC.
Thermal
Shock:
Vibration
Humidity
for 240 hours
Salt Spray
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging
Code
Taping Width
208 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MXE
N/A
1500
T1=52mm (2.062”)
Packaging
208 000P Series
208 000EP Series
4.7
(.184")
14.48
(.57")
14.48
(.57")
4.7 (.184")
.635
(.025")
38.1
(1.50") TYP.
Part Numbering System
0208
M X E P
xxxx
Option Codes
Lead-free
Packaging Code
Quantity Code
Current Rating Code
Series
Blank = Cartridge Type Fuse
E = Axial Leaded Fuse
X = Loose Pack
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0208002.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0208002.MXP LITTELFUSE-0208002.MXP Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
More results

Similar Description - 0208002.MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com