Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3766 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3766
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3766 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3766 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3766 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3766
2009-09-29
3
0.1
1.0
10.0
0.1
1
10
T= -55℃
25
COMMON SOURCE
VDS = 20V
PULSE TEST
100
0
2
4
6
8
10
04
8
12
16
20
I= 2.0A
1.0
COMMON SOURCE
T= 25℃
PULSE TEST
0.5
0
1
2
3
4
5
04
8
12
16
T= -55℃
25
COMMON SOURCE
VDS = 20V
PULSE TEST
100
0
1
2
3
4
5
0
1020
304050
VGS = 6.0V
9.0
COMMON SOURCE
T= 25℃
PULSE TEST
7.0
7.5
8.0
8.5
10
15
9.5
0
0.4
0.8
1.2
1.6
2
02
4
6
8
10
VGS = 6.0V
6.5
COMMON
SOURCE
T= 25℃
PULSE TEST
7.0
7.5
8.0
8.5
10
15
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
RDS (ON) – ID
⎪Yfs⎪ – ID
DRAIN
−SOURCE VOLTAGE VDS (V)
DRAIN
−SOURCE VOLTAGE VDS (V)
GATE
−SOURCE VOLTAGE VGS (V)
GATE
−SOURCE VOLTAGE VGS (V)
DRAIN CURRENT ID (A)
DRAIN CURRENT ID (A)
0.1
1
0.3
0.5
3
5
1
10
5
30
3
0.5
COMMON SOURCE
Tc
= 25°C
PULSE TEST
VGS = 10, 15 V
10


Similar Part No. - 2SK3766

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3766 TOSHIBA-2SK3766 Datasheet
274Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3766 TOSHIBA-2SK3766 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3766

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com