Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3453 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3453
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3453 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3453 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3453 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3453 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3453 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3453 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3453 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3453
2009-09-29
4
40
80
10
0
40
80
120
200
120
160
160
200
RDS (ON) − Tc
IDR − VDS
Capacitance – VDS
Vth − Tc
PD − Tc
Dynamic input/output characteristics
Case temperature Tc (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Cace temperature Tc (°C)
Case temperature Tc (°C)
Total gate charge Qg (nC)
0
2
4
6
8
10
−80
−40
0
40
120
160
Common source
VGS = 10 V
Pulse test
5
2.5
ID = 10 A
80
0
1
2
3
4
5
0
1
2
3
4
5
−80
−40
0
40
80
160
Common source
VDS = 10 V
ID = 1 mA
Pulse test
120
80
100
200
0
0
10
30
50
300
400
60
500
4
8
0
12
16
20
VDS = 100 V
VGS
400
200
VDS
20
40
70
Common source
ID = 10 A
Tc
= 25°C
Pulse test
50
500
3000
10
0.1
0.3
3
10
100
100
300
1000
5000
1
30
30
Ciss
50
5
0.5
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Crss
Coss
3
1
1
0.01
0
−0.2
−1.2
100
−0.6
−0.8
10
0.1
10
−0.4
−1.0
0.03
0.05
0.3
0.5
3
5
30
50 Common source
Tc
= 25°C
Pulse test
VGS = 0, −1 V


Similar Part No. - 2SK3453

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3453 TOSHIBA-2SK3453 Datasheet
220Kb / 6P
   Switching Regulator Applications
2SK3453 TOSHIBA-2SK3453 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3453 TOSHIBA-2SK3453 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3453 ISC-2SK3453 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3453 TOSHIBA-2SK3453_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results

Similar Description - 2SK3453

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com