Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3125 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3125
Description  DC-DC Converter, Relay Drive and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3125_08 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3125
2008-12-22
5
rth − tw
Safe operating area
EAS – Tch
Drain-source voltage VDS (V)
Pulse width tw (S)
Channel temperature (initial) Tch (°C)
25
50
75
100
125
150
0
200
400
600
800
1000
1
0.1
10
100
1000
1
10
100
100
μs *
1 ms *
* Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (pulse) *
VDSS max
ID max
(continuous)
DC operation
Tc
= 25°C
10
μ
100
μ
1 m
10 m
100 m
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 0.833°C/W
0.1
10
0.01
1
Single pulse
0.2
0.1
0.05
0.02
0.01
Duty
= 0.5
−15 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 25 V, L = 140 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS


Similar Part No. - 2SK3125_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK3125_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3506 TOSHIBA-2SK3506_09 Datasheet
150Kb / 3P
   Relay Drive and DC-DC Converter Applications
2SK3397 TOSHIBA-2SK3397_09 Datasheet
210Kb / 6P
   Relay Drive and DC-DC Converter Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com