Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ676 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ676
Description  Switching Regulator, DC/DC Converter and
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ676 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ676 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ676 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ676 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SJ676
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (
π−MOS V)
2SJ676
Switching Regulator, DC/DC Converter and
Motor Drive Applications
Low drain-source ON-resistance: RDS (ON) = 1.6 Ω (typ.)
High forward transfer admittance: |Yfs| = 2.0 S (typ.)
Low leakage current: IDSS = −100 μA (max) (VDS = −200 V)
Enhancement mode: Vth = −1.5 to −3.5 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain−source voltage
VDSS
−200
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
−200
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
−2.5
A
Drain current
Pulse(Note 1)
IDP
−10
A
Drain power dissipation
PD
1.3
W
Single-pulse avalanche energy
(Note 2)
EAS
191
mJ
Avalanche current
IAR
−2.5
A
Repetitive avalanche energy (Note 3)
EAR
0.13
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability
test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to ambient
Rth (ch−a)
96.1
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −50 V, Tch = 25°C (initial), L = 48.6 mH, RG = 25 Ω, IAR = −2.5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8M1B
Weight: 0.54 g (typ.)


Similar Part No. - 2SJ676

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SJ676

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3443 TOSHIBA-2SK3443_09 Datasheet
171Kb / 6P
   Switching Regulator, DC-DC Converter and
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2508 TOSHIBA-2SK2508_09 Datasheet
423Kb / 6P
   Switching Regulator and DC−DC Converter and Motor Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com