Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8723CWLTDT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8723CWLTDT
Description  ZoomingADC for sensing data acquisition
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8723CWLTDT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8723CWLTDT Datasheet HTML 6Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 7Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 8Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 9Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 10Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 11Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 12Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 13Page - Semtech Corporation SX8723CWLTDT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
www.semtech.com/products/
Page 10
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8723C
ZoomingADC for sensing data acquisition
Revision 1.01
January 2011
© Semtech
2.1.2 I2C interface timings
(1)
All timings specifications are referred to VILmin and VIHmax voltage levels defined for the SCL and SDA pins.
(2)
The digital interface is reset if the SCL is low more than tSCLTO duration. This is the default mode at startup. The timeout can be disabled by
register setting.
(3)
A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system.
(4)
The device internally provides a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(5)
Cb = total capacitance of one bus line in pF. If mixed with Hs-mode devices, faster fall-times according to Table 6 are allowed.
Table 6.
Digital interface
Parameter
Symbol
STANDARD-MODE
FAST-MODE
Unit
Min
Typ
Max
Min
Typ
Max
I2C TIMING SPECIFICATIONS Note 1
SCL clock frequency
fSCL
0
100
0
400
kHz
SCL timeout ( optional mode ) Note 2
tSCLTO
35
35
ms
SCL Low Pulsewidth
tL
4.7
1.3
μs
SCL High Pulsewidth
tH
4.0
0.6
μs
Start Condition Hold Time
tSCH
0.6
0.6
μs
Data Setup Time
tDS
250
100
Note 3
ns
Data Hold Time
tDH
0
Note 4
3.45
0
0.9
μs
Setup Time for Repeated Start
tRSU
4.7
0.6
μs
Stop Condition Setup Time
tPSU
4.0
0.6
μs
Bus Free Time between a STOP
Condition and a START Condition
tBF
4.7
1.3
μs
Pulsewidth of Spike Suppressed
tSUP
100
100
ns
Capacitive load for each bus line
CB
400
400
pF
Noise margin at the LOW level for each
connected device (including
hysteresis)
VnL
0.1VBATT
0.1VBATT
V
Noise margin at the HIGH level for each
connected device (including
hysteresis)
VnH
0.2VBATT
0.2VBATT
V


Similar Part No. - SX8723CWLTDT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8723 SEMTECH-SX8723 Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8723E083TRT SEMTECH-SX8723E083TRT Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
More results

Similar Description - SX8723CWLTDT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Semtech Corporation
SX8724 SEMTECH-SX8724 Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8723 SEMTECH-SX8723 Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com