Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1508 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD1508
Description  Pulse Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1508 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD1508 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1508 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1508
2009-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
0
0
100
600
4
7
300
200
400
500
1
2
3
5
6
IB = 20 μA
40
Common emitter
Tc = −50°C
60
80
100
0
120
140
160
Base-emitter voltage VBE (V)
IC – VBE
0
0
0.2
1.0
0.4
0.8
1.6
2.4
Common emitter
VCE = 2 V
Tc = 100°C
25
−50
1.2
2.0
0.4
0.6
0.8
hFE – IC
Collector current IC (A)
1
500
1000
0.003
300
3000
5000
10000
30000
100000
0.01
0.03
0.1
0.3
3
50000
Common emitter
VCE = 2 V
Tc = 100°C
25
−50
Collector current IC (A)
VCE (sat) – IC
0.1
10
1
0.3
0.5
3
5
1
0.003
0.01
0.03
0.1
0.3
3
30
Tc = −50°C
100
25
Common emitter
IC/IB = 1000
IB = 10 μA
20
Common emitter
Tc = 25°C
30
40
50
0
60
0
0
100
600
4
7
300
200
400
500
1
2
3
5
6
0
0
100
600
4
7
300
200
400
500
1
2
3
5
6
IB = 5 μA
10
Common emitter
Tc = 100°C
15
20
25
0
30
35


Similar Part No. - 2SD1508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1508 TOSHIBA-2SD1508 Datasheet
202Kb / 4P
   NPN EPITAXIAL TYPE (PULSE MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SD1508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2481 TOSHIBA-2SD2481_06 Datasheet
149Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SD1224 TOSHIBA-2SD1224_06 Datasheet
155Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
   TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
   HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
   PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com