Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1409A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SD1409A
Description  High Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1409A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SD1409A_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1409A_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1409A_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1409A_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1409A_09 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1409A
2009-12-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 600 V, IE = 0
0.5
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
3
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
400
V
hFE (1)
VCE = 2 V, IC = 2 A
600
DC current gain
hFE (2)
VCE = 2 V, IC = 4 A
100
Collector-emitter saturation voltage
VCE (sat)
IC = 4 A, IB = 0.04 A
2.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 4 A, IB = 0.04 A
2.5
V
Emitter-collector forward voltage
VECF
IE = 4 A, IB = 0
3.0
V
Collector output capacitance
Cob
VCB = 50 V, IE = 0, f = 1 MHz
35
pF
Turn-on time
ton
1
Storage time
tstg
8
Switching time
Fall time
tf
IB1 = 0.04 A,IB2 = 0.04 A
duty cycle ≤ 1%
5
μs
Marking
Note2: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
Lot No.
Note2
D1409A
Part No. (or abbreviation code)
20 μs
VCC = 100 V
Output
IB2
IB1
Input


Similar Part No. - 2SD1409A_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1409A TOSHIBA-2SD1409A Datasheet
173Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (IGNITER, HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Inchange Semiconductor ...
2SD1409A ISC-2SD1409A Datasheet
211Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1409A_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com