Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS7083N Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7083N
Description  QUADRATURE CLOCK CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7083N Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7083N Datasheet HTML 1Page - LSI Computer Systems LS7083N Datasheet HTML 2Page - LSI Computer Systems LS7083N Datasheet HTML 3Page - LSI Computer Systems LS7083N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7083N/84N-121206-3
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
CLOCK
AND
DIRECTION
DECODE
DUAL
ONE-SHOT
DUAL
ONE-SHOT
CURRENT
MIRROR
FILTER
FILTER
A
B
MODE
V DD
VSS
MUX
x4 CLOCK
x1 CLOCK
UP/DN
8
7
UPCK or CLK
DNCK or UP/DN
1
4
5
6
2
3
FIGURE 3. LS7083N/LS7084N BLOCK DIAGRAM
RBIAS
+V
-V
x2 CLOCK
FORWARD
REVERSE
TPW
TOW
TPS
TDS
2
4
1
4
2
2
4
1
4
2
2
4
1
4
2
2
4
1
4
2
A
B
UPCLK
(7083N)
DNCLK
(7083N)
CLK
(7084N)
UP/DN
(7084N)
TPS
NOTE: Output clocks labeled 1, 2 and 4 have the following interpretations.
1. Generated in x1, x2 and x4 modes.
2. Generated in x2 and x4 modes only.
3. Generated in x4 mode only.
FIGURE 2. LS7083N / LS7084N INPUT / OUTPUT TIMING


Similar Part No. - LS7083N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
   QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7083N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
   QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com