Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11055ECB+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11055ECB+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11055ECB+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11055ECB+ Datasheet HTML 1Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 2Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11055ECB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +4.75V to +5.25V, VDVDD = +2.70V to +5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x
33µF, CREFIO = 0.1µF, CAVDD = 4 x 0.1µF || 10µF, CDVDD = 3 x 0.1µF || 10µF; all digital inputs at DVDD or DGND, unless otherwise
noted, fSAMPLE = 250ksps. TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS (DB0–DB15,
EOC)
Output Voltage High
VOH
ISOURCE = 1.2mA
VDVDD -
0.4
V
Output Voltage Low
VOL
ISINK = 1mA
0.25
0.4
V
Three-State Leakage Current
DB0–DB15, VRD
≥ VIH or VCS ≥ VIH
10
µA
Three-State Output Capacitance
DB0–DB15, VRD
≥ VIH or VCS ≥ VIH
15
pF
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
MAX11046/MAX11056, VAVDD = 5V
48
MAX11045/MAX11055, VAVDD = 5V
39
Analog Supply Current
IAVDD
MAX11044/MAX11054, VAVDD = 5V
30
mA
MAX11046/MAX11056, VDVDD = 3.3V
7.0
MAX11045/MAX11055, VDVDD = 3.3V
6.5
Digital Supply Current (Note 9)
IDVDD
MAX11044/MAX11054, VDVDD = 3.3V
5.5
mA
IDVDD
10
Shutdown Current
IAVDD
10
µA
MAX11044/MAX11045/
MAX11046
±1
Power-Supply Rejection
PSR
VAVDD = 4.9V
to 5.1V
(Note 5)
MAX11054/MAX11055/
MAX11056
±0.25
LSB
TIMING CHARACTERISTICS (Note 4)
CONVST Rise to EOC
tCON
Conversion time (Note 6)
3
µs
Acquisition Time
tACQ
1
1000
µs
CS Rise to CONVST Rise
tQ
Sample quiet time (Note 6)
500
ns
CONVST Rise to EOC Rise
t0
47
140
ns
EOC Fall to CONVST Fall
t1
CONVST mode B0 = 0 only (Note 7)
0
ns
CONVST Low Time
t2
CONVST mode B0 = 1 only
20
ns
CS Fall to WR Fall
t3
0ns
WR Low Time
t4
20
ns
CS Rise to WR Rise
t5
0ns
Input Data Setup Time
t6
10
ns
Input Data Hold Time
t7
1ns
CS Fall to RD Fall
t8
0ns
RD Low Time
t9
30
ns


Similar Part No. - MAX11055ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11055ECB++ MAXIM-MAX11055ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11055ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com