Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11048ECB+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11048ECB+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11048ECB+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11048ECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 11Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 12Page - Maxim Integrated Products MAX11048ECB+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
9
TOP VIEW
MAX11047
MAX11048
MAX11049
TQFN
8mm x 8mm
+
15
17
16
18
19
20
21
22
23
24
25
26
27
28
DB1/CR1
*EP
DB0/CR0
EOC
CONVST
SHDN
DVDD
DGND
RDC
AGNDS
AVDD
AGND
CH0*/I.C.†‡
AGNDS
RDC
DB14
DB15
RD
CS
WR
DVDD
DGND
RDC
AGNDS
AVDD
AGND
I.C.†‡/CH7*
MAX11047
MAX11048
*MAX11049
AGNDS
RDC
48
47
46
45
44
43
54
53
56
55
52
51
50
49
1
2
3
4
5
6
7
8
9
10
11 121314
42 41 40 39 38 37 36 35 34 33 32 31 30 29
MAX11047
MAX11048
MAX11049
TQFP
10mm x 10mm
+
19
21
20
22
23
24
25
26
27
28
29
30
31
32
*EP
EOC
CONVST
SHDN
DVDD
DGND
AGNDS
AVDD
AGND
RDC_SENSE
RDC
AGNDS
AVDD
AGND
CH0*/I.C.†‡
AGNDS
DGND
AGNDS
RD
CS
WR
AVDD
AGND
RDC_SENSE
RDC
AGNDS
AVDD
AGND
I.C.†‡/CH7*
AGNDS
54
53
52
51
50
49
60
59
62
61
58
57
56
55
1
2
3
4
5
6
7
8
9
10
11 121314
48 47 46 45 44 43 42 41 40 39 38 37 36 35
15 16
34 33
17
18
DB0/CR0
DB15
DVDD
64
63
Pin Configurations
MAX11057
MAX11058
MAX11059
+
19
21
20
22
23
24
25
26
27
28
29
30
31
32
*EP
EOC
CONVST
SHDN
DVDD
DGND
AGNDS
AVDD
AGND
RDC_SENSE
RDC
AGNDS
AVDD
AGND
CH0*/I.C.†‡
AGNDS
DGND
AGNDS
RD
CS
WR
AVDD
AGND
RDC_SENSE
RDC
AGNDS
AVDD
AGND
I.C.†‡/CH7*
AGNDS
54
53
52
51
50
49
60
59
62
61
58
57
56
55
1
2
3
4
5
6
7
8
9
10
11 121314
48 47 46 45 44 43 42 41 40 39 38 37 36 35
15 16
34 33
17
18
CR0
DB13
DVDD
64
63
MAX11057
MAX11058
*MAX11059
TQFP
10mm x 10mm


Similar Part No. - MAX11048ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11048ETN++ MAXIM-MAX11048ETN+ Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
More results

Similar Description - MAX11048ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com