Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11046ETN+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11046ETN+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046ETN+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11046ETN+ Datasheet HTML 1Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 2Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 3Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 4Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX11046ETN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +4.75V to +5.25V, VDVDD = +2.70V to +5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x
33µF, CREFIO = 0.1µF, CAVDD = 4 x 0.1µF || 10µF, CDVDD = 3 x 0.1µF || 10µF; all digital inputs at DVDD or DGND, unless otherwise
noted, fSAMPLE = 250ksps. TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX11044/MAX11045/
MAX11046
98
104
Spurious-Free Dynamic Range
SFDR
fIN = 10kHz,
full-scale input
MAX11054/MAX11055/
MAX11056
95
104
dB
MAX11044/MAX11045/
MAX11046
-105
-98
Total Harmonic Distortion
THD
fIN = 10kHz,
full-scale input
MAX11054/MAX11055/
MAX11056
-104
-95
dB
Channel-to-Channel Crosstalk
fIN = 60Hz, full scale and ground on
adjacent channel (Note 2)
-126
-100
dB
ANALOG INPUTS (CH0–CH7)
Input Voltage Range
(Note 3)
±1.22 x
VREFIO
V
Input Leakage Current
-1
+1
µA
Input Capacitance
15
pF
Input-Clamp Protection Current
Each input simultaneously
-20
+20
mA
TRACK AND HOLD
Throughput Rate
Per channel
1
250
ksps
Acquisition Time
tACQ
1
1000
µs
-3dB point
4
Full-Power Bandwidth
-0.1dB point
> 0.2
MHz
Aperture Delay
10
ns
Aperture-Delay Matching
100
ps
Aperture Jitter
50
psRMS
INTERNAL REFERENCE
REFIO Voltage
VREF
4.08
4.096
4.112
V
REFIO Temperature Coefficient
±5
ppm/°C
EXTERNAL REFERENCE
Input Current
-10
+10
µA
REF Voltage-Input Range
VREF
3.00
4.25
V
REF Input Capacitance
15
pF
DIGITAL INPUTS (CR0–CR3,
RD, WR, CS, CONVST)
Input Voltage High
VIH
VDVDD = 2.7V to 5.25V
2
V
Input Voltage Low
VIL
VDVDD = 2.7V to 5.25V
0.8
V
Input Capacitance
CIN
10
pF
Input Current
IIN
VIN = 0V or VDVDD
±10
µA


Similar Part No. - MAX11046ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11046ETN++ MAXIM-MAX11046ETN+ Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11046ETN++ MAXIM-MAX11046ETN+ Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046ETN++ MAXIM-MAX11046ETN+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11046ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com