Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9268 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9268
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products MAX9268 Datasheet HTML 10Page - Maxim Integrated Products MAX9268 Datasheet HTML 11Page - Maxim Integrated Products MAX9268 Datasheet HTML 12Page - Maxim Integrated Products MAX9268 Datasheet HTML 13Page - Maxim Integrated Products MAX9268 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
10 _____________________________________________________________________________________
Figure 1. Reverse Control-Channel Output Parameters
Figure 2. Test Circuit for Differential Input Measurement
MAX9268
REVERSE
CONTROL-CHANNEL
TRANSMITTER
IN+
IN-
IN-
IN+
IN+
IN-
VOD
RL/2
RL/2
VCMR
VCMR
VROH
(IN+) - (IN-)
tR
0.1 x VROL
0.9 x VROL
tF
VROL
0.9 x VROH
0.1 x VROH
VIN+
RL/2
RL/2
CIN
CIN
VID(P)
IN+
IN-
VID(P) = | VIN+ - VIN- |
VCMR = (VIN+ + VIN-)/2
VIN-
_
+
_
_
+


Similar Part No. - MAX9268

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 26P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9268EVKIT++ MAXIM-MAX9268EVKIT+ Datasheet
2Mb / 26P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
More results

Similar Description - MAX9268

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9249 MAXIM-MAX9249_12 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 4; 1/12
MAX9249 MAXIM-MAX9249 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 3; 1/11
logo
Rohm
BU18RL82-M ROHM-BU18RL82-M Datasheet
874Kb / 13P
   Clockless Link-BD Deserializer with LVDS Interface for Automotive
7.Jun.2022 Rev.001
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259_14 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9259 MAXIM-MAX9259 Datasheet
2Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 3; 1/11
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com