Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9259 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9259
Description  Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9259 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9259 Datasheet HTML 1Page - Maxim Integrated Products MAX9259 Datasheet HTML 2Page - Maxim Integrated Products MAX9259 Datasheet HTML 3Page - Maxim Integrated Products MAX9259 Datasheet HTML 4Page - Maxim Integrated Products MAX9259 Datasheet HTML 5Page - Maxim Integrated Products MAX9259 Datasheet HTML 6Page - Maxim Integrated Products MAX9259 Datasheet HTML 7Page - Maxim Integrated Products MAX9259 Datasheet HTML 8Page - Maxim Integrated Products MAX9259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Gigabit Multimedia Serial Link with Spread
Spectrum and Full-Duplex Control Channel
_______________________________________________________________________________________ 3
MAX9259 DC ELECTRICAL CHARACTERISTICS (continued)
(VDVDD = VAVDD = 1.7V to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100I Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C AND UART I/O, OPEN-DRAIN OUTPUTS (RX/SDA, TX/SCL, LFLT)
High-Level Input Voltage
VIH2
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL2
0.3 x
VIOVDD
V
Input Current
IIN2
VIN = 0 to VIOVDD (Note 2)
-110
+5
F
A
Low-Level Open-Drain Output
Voltage
VOL2
IOL = 3mA
VIOVDD = 1.7V to 1.9V
0.4
V
VIOVDD = 3.0V to 3.6V
0.3
DIFFERENTIAL OUTPUT (OUT+, OUT-)
Differential Output Voltage
VOD
Preemphasis off (Figure 1)
300
400
500
mVP-P
3.3dB preemphasis setting, VOD(P)
(Figure 2)
350
610
3.3dB deemphasis setting, VOD(D)
(Figure 2)
240
425
Change in VOD Between
Complementary Output States
D
VOD
15
mV
Output Offset Voltage,
(VOUT+ + VOUT-)/2 = VOS
VOS
Preemphasis off
1.1
1.4
1.56
V
Change in VOS Between
Complementary Output States
D
VOS
15
mV
Output Short-Circuit Current
IOS
VOUT+ or VOUT- = 0V
-60
mA
VOUT+ or VOUT- = 1.9V
25
Magnitude of Differential Output
Short-Circuit Current
IOSD
VOD = 0V
25
mA
Output Termination Resistance
(Internal)
RO
From OUT+, OUT- to VAVDD
45
54
63
I
REVERSE CONTROL-CHANNEL RECEIVER (OUT+, OUT-)
High Switching Threshold
VCHR
27
mV
Low Switching Threshold
VCLR
-27
mV
LINE-FAULT-DETECTION INPUT (LMN_)
Short-to-GND Threshold
VTG
Figure 3
0.3
V
Normal Thresholds
VTN
Figure 3
0.57
1.07
V
Open Thresholds
VTO
Figure 3
1.45
VIO+
0.06
V
Open Input Voltage
VIO
Figure 3
1.47
1.75
V
Short-to-Battery Threshold
VTE
Figure 3
2.47
V
POWER SUPPLY
Worst-Case Supply Current
(Figure 4)
IWCS
BWS = GND
fPCLKIN = 16.6MHz
100
125
mA
fPCLKIN = 33.3MHz
105
145
fPCLKIN = 66.6MHz
116
155
fPCLKIN = 104MHz
135
175
Sleep-Mode Supply Current
ICCS
40
110
F
A
Power-Down Supply Current
ICCZ
PWDN = GND
5
70
F
A


Similar Part No. - MAX9259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9259 MAXIM-MAX9259 Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259EVKIT MAXIM-MAX9259EVKIT Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259EVKIT++ MAXIM-MAX9259EVKIT+ Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259GCB MAXIM-MAX9259GCB Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
More results

Similar Description - MAX9259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259_14 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9270 MAXIM-MAX9270 Datasheet
1Mb / 33P
   Gigabit Multimedia Deserializer with Spread Spectrum and Full-Duplex Control Channel
Rev 1; 1/11
MAX9249 MAXIM-MAX9249_12 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 4; 1/12
MAX9249 MAXIM-MAX9249 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 3; 1/11
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 35P
   Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com