Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9259 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9259
Description  Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9259 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9259 Datasheet HTML 1Page - Maxim Integrated Products MAX9259 Datasheet HTML 2Page - Maxim Integrated Products MAX9259 Datasheet HTML 3Page - Maxim Integrated Products MAX9259 Datasheet HTML 4Page - Maxim Integrated Products MAX9259 Datasheet HTML 5Page - Maxim Integrated Products MAX9259 Datasheet HTML 6Page - Maxim Integrated Products MAX9259 Datasheet HTML 7Page - Maxim Integrated Products MAX9259 Datasheet HTML 8Page - Maxim Integrated Products MAX9259 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Gigabit Multimedia Serial Link with Spread
Spectrum and Full-Duplex Control Channel
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND
MAX9259...........................................................-0.5V to +1.9V
MAX9260...........................................................-0.5V to +3.9V
DVDD to GND (MAX9259) ...................................-0.5V to +1.9V
DVDD to DGND (MAX9260).................................-0.5V to +3.9V
IOVDD to GND (MAX9259) ..................................-0.5V to +3.9V
IOVDD to IOGND (MAX9260) ..............................-0.5V to +3.9V
Any Ground to Any Ground .................................-0.5V to +0.5V
OUT+, OUT- to AGND (MAX9259) ......................-0.5V to +1.9V
IN+, IN- to AGND (MAX9260) ..............................-0.5V to +1.9V
LMN_ to GND (MAX9259)
(60kI source impedance)................................-0.5V to +3.9V
All Other Pins to GND (MAX9259) ....... -0.5V to (IOVDD + 0.5V)
All Other Pins to IOGND (MAX9260) ... -0.5V to (IOVDD + 0.5V)
OUT+, OUT- Short Circuit to Ground or
Supply (MAX9259).................................................Continuous
IN+, IN- Short Circuit to Ground or
Supply (MAX9260).................................................Continuous
Continuous Power Dissipation (TA = +70NC)
64-Pin TQFP (derate 31.3mW/NC above +70NC) .......2508mW
56-Pin TQFN (derate 47.6mW/NC above +70NC)....3809.5mW
ESD Protection
Human Body Model (RD = 1.5kI, CS = 100pF)
(OUT+, OUT-) to AGND (MAX9259) ............................Q8kV
(IN+, IN-) to AGND (MAX9260) ....................................Q8kV
All Other Pins to Any Ground (MAX9259) ....................Q4kV
All Other Pins to Any Ground (MAX9260) ....................Q4kV
IEC 61000-4-2 (RD = 330I, CS = 150pF)
Contact Discharge
(OUT+, OUT-) to AGND (MAX9259) ..........................Q10kV
(IN+, IN-) to AGND (MAX9260) ....................................Q8kV
Air Discharge
(OUT+, OUT-) to AGND (MAX9259) ..........................Q12kV
(IN+, IN-) to AGND (MAX9260) ..................................Q10kV
ISO 10605 (RD = 2kI, CS = 330pF)
Contact Discharge
(OUT+, OUT-) to AGND (MAX9259) ..........................Q10kV
(IN+, IN-) to AGND (MAX9260) ....................................Q8kV
Air Discharge
(OUT+, OUT-) to AGND (MAX9259) ..........................Q25kV
(IN+, IN-) to AGND (MAX9260) ..................................Q20kV
Operating Temperature Range........................ -40NC to +105NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
MAX9259 DC ELECTRICAL CHARACTERISTICS
(VDVDD = VAVDD = 1.7V to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100I Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25NC.)
ABSOLUTE MAXIMUM RATINGS
64 TQFP
Junction-to-Ambient Thermal Resistance (BJA) .......31.9NC/W
Junction-to-Case Thermal Resistance (BJC) .................1NC/W
56 TQFN
Junction-to-Ambient Thermal Resistance (BJA) ..........21NC/W
Junction-to-Case Thermal Resistance (BJC) .................1NC/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (DIN_, PCLKIN, PWDN, SSEN, BWS, ES, DRS, MS, CDS, AUTOS, SD, SCK, WS)
High-Level Input Voltage
VIH1
0.65 x
VIOVDD
V
Low-Level Input Voltage
VIL1
0.35 x
VIOVDD
V
Input Current
IIN1
VIN = 0 to VIOVDD
-10
+10
F
A
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
SINGLE-ENDED OUTPUT (INT)
High-Level Output Voltage
VOH1
IOH = -2mA
VIOVDD
- 0.2
V
Low-Level Output Voltage
VOL1
IOL = 2mA
0.2
V
Output Short-Circuit Current
IOS
VO = 0V
VIOVDD = 3.0V to 3.6V
16
35
64
mA
VIOVDD = 1.7V to 1.9V
3
12
21


Similar Part No. - MAX9259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9259 MAXIM-MAX9259 Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259EVKIT MAXIM-MAX9259EVKIT Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259EVKIT++ MAXIM-MAX9259EVKIT+ Datasheet
1Mb / 26P
   Fully Assembled and Tested
Rev 1; 4/10
MAX9259GCB MAXIM-MAX9259GCB Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
More results

Similar Description - MAX9259

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9259 MAXIM-MAX9259_14 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
   Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
MAX9270 MAXIM-MAX9270 Datasheet
1Mb / 33P
   Gigabit Multimedia Deserializer with Spread Spectrum and Full-Duplex Control Channel
Rev 1; 1/11
MAX9249 MAXIM-MAX9249_12 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 4; 1/12
MAX9249 MAXIM-MAX9249 Datasheet
1Mb / 36P
   Gigabit Multimedia Serial Link Serializer with LVDS System Interface
Rev 3; 1/11
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 35P
   Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com