Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5549 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5549
Description  High-Speed Switching Application for Inverter Lighting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5549 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5549 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5549 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5549 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5549 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5549 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5549
2004-07-26
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
VBE (sat) – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VCE (sat) – IC
VBE (sat) – IC
Collector current IC (A)
Collector current IC (A)
0
1.2
0
2
4
6
10
12
8
0.4
0.8
1.6
2
Common emitter
Ta = 25°C
800
1400
200
1000
50
100
400
600
IB = 20 mA
1200
0.001
0.1
0.3
1
30
0.01
0.03
1
Ta = −55°C
25
100
0.003
0.1
0.3
3
10
3
Common emitter
IC/IB = 8
0.001
0.1
0.3
1
30
0.01
0.03
1
Ta = −55°C
25
100
0.003
0.1
0.3
3
10
3
Common emitter
IC/IB = 2
Common emitter
IC/IB = 2
Ta = 100°C
25
−55
2
4
6
8
10
0
0
0.8
1.2
1.6
0.4
2
0.001
1
3
10
300
0.01
0.03
1
Common emitter
VCE = 5 V
Ta = −55°C
25
100
0.003
0.1
0.3
3
100
30
Common emitter
IC/IB = 8
0
10
Ta = 100°C
25
−55
10
2
4
6
0.2
0.4
0.6
0.8
8


Similar Part No. - 2SC5549

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5549 TOSHIBA-2SC5549 Datasheet
172Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATIONS FOR INVERTER LIGHTING SYSTEM)
More results

Similar Description - 2SC5549

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5550 TOSHIBA-2SC5550_04 Datasheet
152Kb / 5P
   High-Speed Switching Application for Inverter Lighting
2SC5550 TOSHIBA-2SC5550 Datasheet
176Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATION FOR INVERTER LIGHTING SYSTEM)
2SC5549 TOSHIBA-2SC5549 Datasheet
172Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATIONS FOR INVERTER LIGHTING SYSTEM)
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com