Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7033 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7033
Description  315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7033_11 Datasheet HTML 5Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 6Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 7Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 8Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 9Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 10Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 11Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 12Page - Maxim Integrated Products MAX7033_11 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
315MHz/433MHz ASK Superheterodyne
Receiver with AGC Lock
_______________________________________________________________________________________
9
Functional Diagram
LNAOUT
MIXIN1 MIXIN2
90˚
IFIN1
MIXOUT
IFIN2
RSSI
RDF2
100k
Ω
RDF1
100k
Ω
DIVIDE
BY 64
VCO
LOOP
FILTER
PHASE
DETECTOR
CRYSTAL
DRIVER
POWER-
DOWN
IF LIMITING
AMPS
14
LNASRC
DATA
SLICER
DATA
FILTER
Q
I
AUTOMATIC
GAIN
CONTROL
IMAGE
REJECTION
3.2V REG
24
2
IRSEL
13
5, 10
AVDD
VDD5
DVDD
DGND
AGND
LNAIN
3
XTALSEL
16
XTAL1
1
XTAL2
28
SHDN
27
DATAOUT
25
DSN
20
DSP
23
DFO
19
PDOUT
26
OPP
21
DFFB
22
4
15
6
8
9
11
12
17
18
AC
÷2
÷1
MAX7033
LNA
7
AVDD
28-PIN TSSOP
PACKAGE
Pin Description (continued)
PIN
TSSOP
THIN QFN
NAME
FUNCTION
28
28
XTAL2
Crystal Input 2. Can also be driven with an external reference oscillator. (See the Crystal
Oscillator section.)
1, 13,
21, 25
N.C
No Connection
EP
Exposed Pad (TQFN Only). Connect EP to GND.
Detailed Description
The MAX7033 CMOS superheterodyne receiver and a
few external components provide the complete receive
chain from the antenna to the digital output data.
Depending on signal power and component selection,
data rates as high as 33kbps Manchester (66kbps
NRZ) can be achieved.
The MAX7033 is designed to receive binary ASK data
modulated in the 300MHz to 450MHz frequency range.
ASK modulation uses a difference in amplitude of the
carrier to represent logic 0 and logic 1 data.
Voltage Regulator
For operation with a single +3.0V to +3.6V supply voltage,
connect AVDD, DVDD, and VDD5 to the supply voltage.
For operation with a single +4.5V to +5.5V supply voltage,
connect VDD5 to the supply voltage. An on-chip voltage
regulator drives one of the AVDD pins to approximately
+3.2V. For proper operation, DVDD and both the AVDD
pins must be connected together. Bypass VDD5, DVDD,
and the pin 7 AVDD pin to AGND with 0.01μF capacitors,
and the pin 2 AVDD pin to AGND with a 0.1μF capacitor,
all placed as close as possible to the pins.
Low-Noise Amplifier
The LNA is an nMOS cascode amplifier with off-chip
inductive degeneration, with a 3.0dB noise figure and
an IIP3 of -12dBm. The gain and noise figures are
dependent on both the antenna matching network at
the LNA input and the LC tank network between the
LNA output and the mixer inputs.


Similar Part No. - MAX7033_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
More results

Similar Description - MAX7033_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com