Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1557ETB+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1557ETB+
Description  16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1557ETB+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1557ETB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 9Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 10Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 11Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
can be reduced by applying a correction factor to the
feedback resistor equation.
First, calculate the correction factor, k, by plugging the
desired output voltage into the following formula:
k represents the shift in the operating point at the feed-
back node (OUT).
Select the lower feedback resistor, R3, to be
≤ 35.7kΩ
to ensure stability and solve for R2:
Inductor Selection
A 4.7µH inductor with a saturation current of at least
800mA is recommended for the MAX1557 full-load
(600mA) application. For the MAX1556/MAX1556A appli-
cation with 1.2A full load, use a 3.3µH inductor with at
least 1.34A saturation current. For lower full-load cur-
rents the inductor current rating can be reduced. For
maximum efficiency, the inductor’s resistance (DCR)
should be as low as possible. Please note that the core
material differs among different manufacturers and
inductor types and has an impact on the efficiency. See
Table 2 for recommended inductors and manufacturers.
Capacitor Selection
Ceramic input and output capacitors are recommend-
ed for most applications. For best stability over a wide
temperature range, use capacitors with an X5R or bet-
ter dielectric due to their small size, low ESR, and low
temperature coefficients.
Output Capacitor
The output capacitor, COUT, is required to keep the
output voltage ripple small and to ensure regulation
loop stability. COUT must have low impedance at the
switching frequency. A 22µF ceramic output capacitor
is recommended for most applications. If a larger out-
put capacitor is used, then paralleling smaller capaci-
tors is suggested to keep the effective impedance of
the capacitor low at the switching frequency.
Input Capacitor
Due to the pulsating nature of the input current in a buck
converter, a low-ESR input capacitor at INP is required
for input voltage filtering and to minimize interference
with other circuits. The impedance of the input capaci-
tor, CINP, should be kept very low at the switching fre-
quency. A minimum value of 10µF is recommended at
INP for most applications. The input capacitor can be
increased for better input filtering.
IN Input Filter
In all MAX1557 applications, connect INP directly to IN
and bypass INP as described in the
Input Capacitor
section. No additional bypass capacitor is required at
IN. For applications using the MAX1556 and
MAX1556A, an RC filter between INP and IN keeps
power-supply noise from entering the IC. Connect a
100
Ω resistor between INP and IN, and connect a
0.47µF capacitor from IN to GND.
Soft-Start Capacitor
The soft-start capacitor, CSS, is required for proper
operation of the MAX1556/MAX1556A/MAX1557. The
recommended value of CSS is discussed in the Soft-
Start section. Soft-start times for various soft-start
capacitors are shown in the
Typical Operating
Characteristics.
PCB Layout and Routing
Due to fast-switching waveforms and high-current
paths, careful PCB layout is required. An evaluation kit
(MAX1556EVKIT) is available to speed design.
When laying out a board, minimize trace lengths
between the IC, the inductor, the input capacitor, and
the output capacitor. Keep these traces short, direct,
and wide. Keep noisy traces, such as the LX node
trace, away from OUT. The input bypass capacitors
should be placed as close as possible to the IC.
Connect GND to the exposed paddle and star PGND
and GND together at the output capacitor. The ground
connections of the input and output capacitors should
be as close together as possible.
075
3
32
.
Vk
V
R
RR
OUTPUT
⎝⎜
⎠⎟
=
+
()
kx
V x
VV
V
OUTPUT
.
.
.
=
106
10
075
36
2
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
10
______________________________________________________________________________________
OUTPUT
OUT
R2
R3
SS
REFERENCE
1.25V
ERROR
AMPLIFIER
Figure 6. Adjustable Output Voltage


Similar Part No. - MAX1557ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1557ETB++ MAXIM-MAX1557ETB+ Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results

Similar Description - MAX1557ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com